Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD Datasheet(PDF) 4 Page - Picker Components

Part # PCD
Description  10 to 40 amp output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD Datasheet(HTML) 4 Page - Picker Components

  PCD Datasheet HTML 1Page - Picker Components PCD Datasheet HTML 2Page - Picker Components PCD Datasheet HTML 3Page - Picker Components PCD Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 4
PCD
PCD
-30
020
40
60
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Ambient Temperature Ta ( C)
Input Voltage vs.
Ambient Temperature
10
20
30
40
50
60
0
10
20
30
40
50
60
70
80
90
100
Input Voltage (VDC)
Input Current vs.
Input Voltage
80
o
CHARACTERISTIC CURVES
LOAD
12
25 AMP
250VAC
PICKER CMPTS
SOLID STATE RELAY
TYPE PCD225AC8
INPUT 4-32 VDC
4 -
+ 3
2.275
1.775
.800
1.85
LED
SNAP ON
SAFETY COVER
STANDARD
Dimensions in Inches
Sales: (888) 997-3933, (972) 713-6272 Fax: (972) 735-0964 email: sales@pickercomponents.com www.pickercomponents.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com