Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD Datasheet(PDF) 2 Page - Picker Components

Part # PCD
Description  10 to 40 amp output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD Datasheet(HTML) 2 Page - Picker Components

  PCD Datasheet HTML 1Page - Picker Components PCD Datasheet HTML 2Page - Picker Components PCD Datasheet HTML 3Page - Picker Components PCD Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings at 25 Degrees C
Parameter
Symbol
Rating
Unit
Input signal voltage
Drop out voltage
RMS on state current
Peak one cycle surge current
Repetitive peak off state voltage
Operating frequency
Critical rate of rise on state current
Load supply voltage
Isolation voltage input to output
Operating temperature
Storage temperature
Soldering temperature 10 seconds
IN
V
V
I
I
V
f
di/dt
V
V
T
T
T
do
T
surge
out
iso
opr
stg
sol
DRM
4-32
1
10, 15, 25, or 40
10x
600 *See note 2
47 - 70
50
250 *See Note 2
4000
-30 - 100
-30 - 125
260
C
o
C
o
C
o
Vrms
Vrms AC
Hz
V
A
A rms
V DC
V DC
A/
S
Electrical Characteristics at 25 Degrees C
Parameter
Symbol
Conditions
Unit
Pick up voltage
Input current
On state voltage
Operating current
Leakage current
Critical rate of rise of off state voltage
Zero cross voltage
Load voltage rating
Minimum trigger current
Isolation resistance input to circuit
Turn on time
Turn off time
pu
I
V
V
I
I
dv/dt
V
V
I
R
T
T
in
T
op
out
FT
iso
on
off
leak
25 mA MAX
50 TO 280VAC
50 mArms MIN
1.5V rms MAX
5 TO 12 mA
4V DC MAX
ox
Rth(j-c)I
Thermal resistance (between junction and case)
It=1Arms
Vin=4 - 32V
It=1Arms
Vout=240 Vrms
Vout=240 Vrms
3.5 TO 7 mArms
See Note 1
50 TO 200V/
S
35 VAC MAX
10
10 OHMS MIN
8.3 ms MAX
8.3 ms MAX
I in =7mA
I
T =50mArms MIN
VDRM =600V
DC 500V
60Hz AC
60Hz AC
C/W
o
1.3
I T
NOTES: 1. Output (dv/dt) protection is provided on all models. They are designed to switch
resistive or inductive loads to 0.2 power factor. The dv/dt rating is based on a
source impedance of 50 ohms.
Model PCD425AC8-1 is rated 25 amps at 480 VAC. I surge is 250 amps and V DRM
Is 1200 VOLTS. Vout Is 480 VAC.
Model PCD440AC8-1 is rated 40 amps at 480 VAC. I surge is 400 amps and V DRM
Is 1200 VOLTS. Vout Is 480 VAC.
2.
Sales: (888) 997-3933, (972) 713-6272 Fax: (972) 735-0964 email: sales@pickercomponents.com www.pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
PCD
PCD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com