Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB920 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB920
Description  High Collector Current:IC= -5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB920 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB920 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB920 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2SB920
DESCRIPTION
·High Collector Current:IC= -5A
·Low Collector Saturation Voltage
: VCE(sat)= -0.5V(Max)@IC= -3A
·Complement to Type 2SD1236
APPLICATIONS
·Designed for general purpose large current switching
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-120
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-5
A
ICM
Collector Current-Peak
-9
A
PC
Total Power Dissipation
@ TC=25℃
30
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SB920

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB920 SANYO-2SB920 Datasheet
126Kb / 4P
80V/5A Switching Applications
logo
New Jersey Semi-Conduct...
2SB920 NJSEMI-2SB920 Datasheet
126Kb / 2P
Silicon PNP Power Transistor
logo
Sanyo Semicon Device
2SB920L SANYO-2SB920L Datasheet
126Kb / 4P
80V/5A Switching Applications
More results

Similar Description - 2SB920

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
CNY17F-2M LITEON-CNY17F-2M Datasheet
171Kb / 9P
High collector-emitter voltage
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCW68 SKTECHNOLGY-BCW68 Datasheet
498Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
BCP51 SKTECHNOLGY-BCP51 Datasheet
396Kb / 2P
High Collector Current
BCP54 SKTECHNOLGY-BCP54 Datasheet
731Kb / 3P
High Collector Current
BCP56 SKTECHNOLGY-BCP56 Datasheet
669Kb / 3P
High Collector Current
S8050 SKTECHNOLGY-S8050 Datasheet
836Kb / 3P
High Collector Current
logo
Shanghai Leiditech Elec...
S8050 LEIDITECH-S8050 Datasheet
564Kb / 4P
High Collector Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com