Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5772 Datasheet(PDF) 7 Page - Inchange Semiconductor Company Limited

Part # 2SC5772
Description  High Gain Bandwidth Product
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5772 Datasheet(HTML) 7 Page - Inchange Semiconductor Company Limited

Back Button 2SC5772 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 10Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INCHANGE Semiconductor
isc RF Product Specification
7
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5772
S-PARAMETER
VCE = 3 V, IC = 30 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.419
-90.2
30.42
127.3
0.026
63.9
0.608
-53.5
200
0.366
-132.9
17.49
107.6
0.040
64.4
0.357
-74.3
300
0.358
-151.9
11.80
98.6
0.055
67.0
0.247
-85.0
400
0.355
-163.8
8.88
93.1
0.070
69.5
0.193
-91.9
500
0.354
-173.3
7.14
89.0
0.085
70.6
0.162
-98.0
600
0.356
-178.8
5.97
85.5
0.100
71.5
0.141
-102.8
700
0.356
174.3
5.13
82.4
0.115
71.5
0.127
-107.4
800
0.364
169.5
4.51
79.6
0.130
71.4
0.117
-111.3
900
0.361
165.9
4.01
77.0
0.146
71.0
0.111
-114.9
1000
0.359
160.6
3.64
74.6
0.160
70.6
0.105
-118.5
1100
0.367
157.8
3.33
72.2
0.176
70.0
0.103
-121.5
1200
0.370
153.6
3.07
70.2
0.190
69.4
0.101
-124.5
1300
0.368
150.1
2.86
67.7
0.204
68.3
0.099
-127.0
1400
0.376
146.5
2.67
65.9
0.218
68.0
0.099
-129.3
1500
0.382
144.2
2.52
63.9
0.232
67.2
0.098
-131.8
1600
0.387
141.0
2.38
61.8
0.247
66.4
0.099
-133.9
1700
0.388
137.3
2.27
59.9
0.260
65.6
0.100
-135.8
1800
0.393
134.9
2.15
58.0
0.274
64.6
0.100
-138.0
1900
0.394
132.8
2.07
56.3
0.288
63.8
0.102
-139.9
2000
0.393
129.3
1.98
54.5
0.298
62.6
0.103
-140.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com