Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5772 Datasheet(PDF) 8 Page - Inchange Semiconductor Company Limited

Part # 2SC5772
Description  High Gain Bandwidth Product
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5772 Datasheet(HTML) 8 Page - Inchange Semiconductor Company Limited

Back Button 2SC5772 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 9Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 10Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
8
isc Silicon NPN RF Transistor
2SC5772
S-PARAMETER
VCE = 3 V, IC = 50 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.365
-111.0
31.77
122.3
0.023
65.4
0.530
-58.5
200
0.363
-147.7
17.40
104.2
0.037
68.1
0.299
-77.7
300
0.370
-162.8
11.60
96.2
0.052
71.0
0.207
-87.5
400
0.368
-172.3
8.71
91.0
0.068
72.8
0.163
-94.0
500
0.374
-179.4
6.97
87.3
0.083
73.4
0.137
-99.7
600
0.375
174.9
5.84
84.0
0.099
73.8
0.121
-104.7
700
0.378
170.4
5.02
81.2
0.114
73.6
0.110
-108.8
800
0.383
165.8
4.41
78.4
0.129
73.4
0.103
-112.5
900
0.381
161.7
3.91
76.0
0.146
72.7
0.099
-116.4
1000
0.384
157.4
3.55
73.3
0.161
72.4
0.095
-119.2
1100
0.389
153.7
3.25
71.2
0.177
71.6
0.093
-122.6
1200
0.394
150.4
3.00
69.0
0.190
70.7
0.092
-125.1
1300
0.395
147.3
2.80
66.7
0.204
69.7
0.091
-127.8
1400
0.398
144.1
2.61
64.8
0.219
69.2
0.092
-129.7
1500
0.407
141.7
2.46
62.9
0.233
68.2
0.092
-132.2
1600
0.410
139.0
2.33
60.8
0.248
67.4
0.093
-134.0
1700
0.407
135.2
2.21
59.0
0.262
66.5
0.095
-135.9
1800
0.414
133.5
2.10
57.2
0.275
65.5
0.096
-137.7
1900
0.412
130.3
2.02
55.0
0.289
64.8
0.098
-139.5
2000
0.423
127.6
1.93
53.1
0.300
63.6
0.099
-140.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com