Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5772 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5772
Description  High Gain Bandwidth Product
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5772 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5772 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC5772 Datasheet HTML 9Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
2SC5772
DESCRIPTION
·
High Gain Bandwidth Product
fT = 9 GHz TYP.
·
High power gain and low noise figure ;
PG = 13 dB TYP., NF = 1.1 dB typ. @ f = 900 MHz
APPLICATIONS
·
Designed for use in UHF ~ VHF wide band amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
15
V
VCEO
Collector-Emitter Voltage
9
V
VEBO
Emitter-Base Voltage
1.5
V
IC
Collector Current-Continuous
75
mA
PC
Collector Power Dissipation
@TC=25℃
0.7
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SC5772

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5772 HITACHI-2SC5772 Datasheet
90Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
New Jersey Semi-Conduct...
2SC5772 NJSEMI-2SC5772 Datasheet
82Kb / 2P
Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC5772FR-TL-E RENESAS-2SC5772FR-TL-E Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
More results

Similar Description - 2SC5772

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
High Gain Bandwidth Product
2SC4197 ISC-2SC4197 Datasheet
214Kb / 6P
High Gain Bandwidth Product
2SC4196 ISC-2SC4196 Datasheet
204Kb / 6P
High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
High Gain-Bandwidth Product
2SC4901 ISC-2SC4901 Datasheet
180Kb / 5P
High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
High Gain Bandwidth Product
2SC5089 ISC-2SC5089 Datasheet
319Kb / 7P
High Gain Bandwidth Product
2SC5090 ISC-2SC5090 Datasheet
322Kb / 7P
High Gain Bandwidth Product
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
High Gain Bandwidth Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com