Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3306LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5C3306LE
Description  2-Bit Bus Switch with Active Low Enables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3306LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C3306LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8857B
09/27/10
PI5C3306
2-Bit Bus Switch with Active Low Enables
Ordering Information
Ordering Code
Packaging Code
Package Description
PI5C3306LE
L
Pb-free & Green, 8-pin TSSOP
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. E = Pb-free & Green
3. Adding an X suffix = Tape/Reel
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
DESCRIPTION: 8-Pin, 173-Mil Wide, TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1308
REVISION: E
DATE: 11/15/05
Note:
1. Package Outline Exclusive of Mold Flash and Metal Burr
2. Controlling dimentions in millimeters
3. Ref: JEDEC MO-153F/AA
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
Packaging Mechanical: 8-pin TSSOP (L)
10-0213



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com