Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3306LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C3306LE
Description  2-Bit Bus Switch with Active Low Enables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3306LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C3306LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8857B
09/27/10
PI5C3306
2-Bit Bus Switch with Active Low Enables
Storage Temperature ......................................................... –65°C to +150°C
Ambient Temperature with Power Applied ........................ –40°C to +85°C
Supply Voltage to Ground Potential .................................... –0.5V to +4.6V
DC Input Voltage ................................................................. –0.5V to +5.5V
DC Output Current............................................................................ 120mA
Power Dissipation .................................................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1. This parameter is determined by device characterization but is not production tested.
Capacitance
Parameters(1)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3
pF
COFF
A/B Capacitance, Switch Off
5
CON
A/B Capacitance, Switch On
10
DC Electrical Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed logic HIGH level
2.0
V
VIL
Input LOW Voltage
Guaranteed logic LOW level
–0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZ
High Impedance Output Current 0 ≤ A, B ≤ VCC
±1
VH
Input Hysteresis at Control Pins
300
mV
RON
Switch on Resistance (3)
VCC = 4.5V, VIN = 0.0V, ION = 30mA or 64mA
5
7
Ω
VCC = 4.5V, VIN = 2.4V, ION = 15mA
10
15
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (A,B) pins.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
0.1
3.0
µA
∆ICC
Quiescent Current per Input HIGH
VIN = 3.4V(3)
2.5
mA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
(Over Operating Range, TA = –40°C to +85°C, VCC = 5.0V ±10%)
(TA = 25°C, f = 1 MHz)
10-0213



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com