Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3306LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3306LE
Description  2-Bit Bus Switch with Active Low Enables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3306LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3306LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3306LE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS8857B
09/27/10
PI5C3306
2-Bit Bus Switch with Active Low Enables
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time constant for
the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very
little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined by the driving circuit on the driving side of
the switch and its interaction with the load on the driven side.
3. RP terminates to 7V supply for tPZL and tPLZ measurement.
Switching Characteristics over Operating Range
Parameters
Description
Conditions
PI5C3306
Units
VCC = 5V ±10%
VCC = 4V
Min.
Max.
Min.
Max.
tPLH
tPHL
Propogation Delay(1,2) A to B, B to A
CL = 50pF
RL = 500Ω
RP(3) = 500Ω
0.25
0.25
ns
tPZH
tPZL
Bus Enable Time
1.0
4.9
5.5
tPHZ
tPLZ
Bus Disable Time
1.0
4.2
4.5
10-0213



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com