Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CK Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MBR20100CK
Description  Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MBR20100CK Datasheet(HTML) 1 Page - Nanjing International Group Co

  MBR20100CK Datasheet HTML 1Page - Nanjing International Group Co MBR20100CK Datasheet HTML 2Page - Nanjing International Group Co MBR20100CK Datasheet HTML 3Page - Nanjing International Group Co MBR20100CK Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Rectifiers
■ Productor Character
●
Half Bridge Rectified、Common Cathode Structure.
●
Multilayer Metal -Silicon Potential Structure.
●
Beautiful High Temperature Character.
●
Have Over Voltage protect loop,high reliability.
●
RoHs Product.
■Primary Use
●
Low Voltage High Frequency Switching Power Supply.
●
Low Voltage High Frequency Invers Circuit.
●
Low Voltage Continued Circuit and Protection Circuit.
■Summarize
●
MBR20100CK
Device optimized for ultra-low forward
voltage drop to maximize efficiency in Power Supply
Absolute Maximum Ratings
Item
Symbol
Data
Unit
Maximal Inverted Repetitive Peak Voltage
VRRM
100
V
*Average Rectified Forward Current (Rated VR-20Khz Square
Wave) - 50% duty cycle
IFAV
20
A
Typical Thermal Resistance (per le Package =TO-220AB/TO-263
RθJc
2
℃
/W
Package =ITO-220AB
4
℃
/W
Forward Peak Surge Current(Rated Load 8.3 Half Mssine
Wave-According to JEDEC Method)
IFSM
150
A
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/uS
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
0.5
A
Operating Junction Temperature
TJ
-40- +150
℃
Storage Temperature
TSTG
-40- +150
℃
Electricity Character
Item
Test Condition
TYP.
MAX.
Unit
IR
TJ =25℃
VR=VRRM
0.1
mA
TJ =125℃
1mA
VF
TJ =25℃
IF=10A
0.81
0.85
V
TJ =125℃
IF=10A
0.74
V
*IF(AV)= 10A×2
PIN3
PIN1
PIN2
TO-262-3L
1 2 3
MBR20100CK
2015/1/12
1
REV:1.02


Similar Part No. - MBR20100CK

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBR20100CK MOSPEC-MBR20100CK Datasheet
144Kb / 2P
Schottky Barrier Rectifiers
logo
Rectron Semiconductor
MBR20100CK RECTRON-MBR20100CK Datasheet
269Kb / 5P
SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
MBR20100CK-20A-TO-262 DGNJDZ-MBR20100CK-20A-TO-262 Datasheet
352Kb / 4P
Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
MBR20100CKD DYELEC-MBR20100CKD Datasheet
898Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR20100CK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com