Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS2535V Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS2535V
Description  Commercial Quad 1 to 4 Clock Drivers/Industrial Quad 1 to 4 Clock Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS2535V Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CGS2535V Datasheet HTML 1Page - National Semiconductor (TI) CGS2535V Datasheet HTML 2Page - National Semiconductor (TI) CGS2535V Datasheet HTML 3Page - National Semiconductor (TI) CGS2535V Datasheet HTML 4Page - National Semiconductor (TI) CGS2535V Datasheet HTML 5Page - National Semiconductor (TI) CGS2535V Datasheet HTML 6Page - National Semiconductor (TI) CGS2535V Datasheet HTML 7Page - National Semiconductor (TI) CGS2535V Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CGS2535V/CGS2535TV
Commercial Quad 1 to 4 Clock Drivers/Industrial Quad
1 to 4 Clock Drivers
General Description
These Clock Generation and Support clock drivers are spe-
cifically designed for driving memory arrays requiring large
fanouts while operating at high speeds.
This device meets the rise and fall time requirements of the
90 and 100 MHz Pentium™ processors.
The CGS2535 is a non-inverting 4 to 16 driver with CMOS
I/O structures. The CGS2535 specification guarantees
part-to-part skew variation.
Features
n
Guaranteed:
— 1.0 ns rise and fall times while driving 12 inches of
50
Ω microstrip terminated with 25 pF
— 350 ps pin-to-pin skew (t
OSLH and tOSHL)
n
650 ps part-to-part variation on positive or negative
transition @ 5V V
CC
n
Operates with either 3.3V or 5.0V supply
n
Inputs 5V tolerant with V
CC in 3.3V range
n
Symmetric output current drive: 24 mA I
OH/IOL
n
Industrial temperature range −40˚C to +85˚C
n
Symmetric package orientation
n
Large fanout for memory driving applications
n
Guaranteed 2 kV ESD protection
n
Implemented on National’s ABT family process
n
28-pin PLCC for optimum skew performance
Connection Diagrams
Truth Table
Input
Output
In (0–3)
ABCD Out (0–3)
Pentium™ is a trademark of Intel Corporation.
Pin Assignment for 28-Pin PLCC
DS011954-5
CGS2535
DS011954-2
March 1997
© 1997 National Semiconductor Corporation
DS011954
http:\\www.national.com


Similar Part No. - CGS2535V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS2534TV NSC-CGS2534TV Datasheet
102Kb / 6P
Quad 1 to 4 Clock Drivers
CGS2534V NSC-CGS2534V Datasheet
102Kb / 6P
Quad 1 to 4 Clock Drivers
CGS2536TV NSC-CGS2536TV Datasheet
127Kb / 8P
Commercial, Industrial Quad 1 to 4 Clock Drivers
CGS2536V NSC-CGS2536V Datasheet
127Kb / 8P
Commercial, Industrial Quad 1 to 4 Clock Drivers
logo
List of Unclassifed Man...
CGS253T200X8L ETC1-CGS253T200X8L Datasheet
1Mb / 7P
Computer Grade Aluminum Electrolytic Capacitor
More results

Similar Description - CGS2535V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS2534V NSC-CGS2534V Datasheet
102Kb / 6P
Quad 1 to 4 Clock Drivers
CGS2536V NSC-CGS2536V Datasheet
127Kb / 8P
Commercial, Industrial Quad 1 to 4 Clock Drivers
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
MK74CB44 ICST-MK74CB44 Datasheet
73Kb / 5P
Quad 1 to 4 Buffalo??Clock Driver
Revision 022000
logo
Pericom Semiconductor C...
PI49FCT32802 PERICOM-PI49FCT32802 Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
1-to-4 Clock Distribution Buffer
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
logo
Texas Instruments
CDC209 TI1-CDC209 Datasheet
190Kb / 11P
DUAL 1-LINE TO 4-LINE CLOCK DRIVERS WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI49FCT32802QEX PERICOM-PI49FCT32802QEX Datasheet
410Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com