Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7768BSTZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 39Page - Analog Devices AD7768BSTZ Datasheet HTML 40Page - Analog Devices AD7768BSTZ Datasheet HTML 41Page - Analog Devices AD7768BSTZ Datasheet HTML 42Page - Analog Devices AD7768BSTZ Datasheet HTML 43Page - Analog Devices AD7768BSTZ Datasheet HTML 44Page - Analog Devices AD7768BSTZ Datasheet HTML 45Page - Analog Devices AD7768BSTZ Datasheet HTML 46Page - Analog Devices AD7768BSTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 43 of 99
Table 12. Wideband Filter Noise: Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate (kSPS)
−3 dB Bandwidth (kHz)
Shorted Input Dynamic Range (dB)
RMS Noise (µV)
Fast Mode
256
110.8
107.96
11.58
128
55.4
111.43
7.77
64
27.7
114.55
5.42
32
13.9
117.58
3.82
16
6.9
120.56
2.72
8
3.5
123.5
1.94
Median Mode
128
55.4
108.13
11.36
64
27.7
111.62
7.6
32
13.9
114.75
5.3
16
6.9
117.79
3.74
8
3.5
120.8
2.64
4
1.7
123.81
1.87
Eco Mode
32
13.9
108.19
11.28
16
6.9
111.69
7.54
8
3.5
114.83
5.25
4
1.7
117.26
3.71
2
0.87
120.88
2.62
1
0.43
123.88
1.85
Table 13. Sinc5 Filter Noise: Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate (kSPS)
−3 dB Bandwidth (kHz)
Shorted Input Dynamic Range (dB)
RMS Noise (µV)
Fast Mode
256
52.224
111.36
7.83
128
26.112
114.55
5.43
64
13.056
117.61
3.82
32
6.528
120.61
2.71
16
3.264
123.52
1.93
8
1.632
126.39
1.39
Median Mode
128
26.112
111.53
7.68
64
13.056
114.75
5.3
32
6.528
117.81
3.72
16
3.264
120.82
2.64
8
1.632
123.82
1.87
4
0.816
126.79
1.33
Eco Mode
32
6.528
111.57
7.65
16
3.264
114.82
5.26
8
1.632
117.88
3.7
4
0.816
120.9
2.61
2
0.408
123.91
1.85
1
0.204
126.89
1.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com