Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7768BSTZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 61Page - Analog Devices AD7768BSTZ Datasheet HTML 62Page - Analog Devices AD7768BSTZ Datasheet HTML 63Page - Analog Devices AD7768BSTZ Datasheet HTML 64Page - Analog Devices AD7768BSTZ Datasheet HTML 65Page - Analog Devices AD7768BSTZ Datasheet HTML 66Page - Analog Devices AD7768BSTZ Datasheet HTML 67Page - Analog Devices AD7768BSTZ Datasheet HTML 68Page - Analog Devices AD7768BSTZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 65 of 99
DCLK
DRDY
DOUT0
SAMPLE N
SAMPLE N + 1
SAMPLE N + 2
DOUT1
DOUT2
DOUT3
Figure 101. AD7768-4 FORMAT0 = 1: Channel 0 to Channel 3 Output on DOUT0 Only, Maximum Data Rate
DSP/FPGA
AD7768
DCLK
DRDY
DOUT0 TO
DOUT7
MCLK
Figure 102. Data Interface: Standard Conversion Operation, AD7768 = Master, DSP/FPGA = Slave
SYNC_IN
DOUT0
DOUT1
DRDY
32 DCLKs
32 DCLKs
DOUT7
tSETTLE
SETTLED
DATA
SETTLED
DATA
SETTLED
DATA
SETTLED
DATA
SETTLED
DATA
SETTLED
DATA
Figure 103. AD7768 One-Shot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com