Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7768BSTZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 54Page - Analog Devices AD7768BSTZ Datasheet HTML 55Page - Analog Devices AD7768BSTZ Datasheet HTML 56Page - Analog Devices AD7768BSTZ Datasheet HTML 57Page - Analog Devices AD7768BSTZ Datasheet HTML 58Page - Analog Devices AD7768BSTZ Datasheet HTML 59Page - Analog Devices AD7768BSTZ Datasheet HTML 60Page - Analog Devices AD7768BSTZ Datasheet HTML 61Page - Analog Devices AD7768BSTZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 58 of 99
DECIMATION RATE CONTROL
The AD7768/AD7768-4 have programmable decimation rates
for the digital filters. The decimation rates allow the user to reduce
the measurement bandwidth, reducing the speed but increasing the
resolution. When using the SPI control, control the decimation
rate on the AD7768/AD7768-4 through the channel mode regis-
ters. These registers set two separate channel modes with a given
decimation rate and filter type. Each ADC is mapped to one of
these modes via the channel mode select register. Table 28 details
both the decimation rates available, and the filter types for selection,
within Mode A and Mode B.
In pin control mode, the decimation ratio is controlled by the
DEC0 and DEC1 pins; see Table 17 for decimation configuration in
pin control mode.
Table 28. Channel x Mode Registers, Register 0x01 and
Register 0x02
Bits
Name
Logic Value
Decimation Rate
3
FILTER_TYPE_x
0
Wideband filter
1
Sinc5 filter
[2:0]
DEC_RATE_x
000
32
001
64
010
128
011
256
100
512
101
1024
110
1024
111
1024
ANTIALIASING
Because the AD7768/AD7768-4 are switched capacitor, discrete
time ADCs, the user may wish to employ external analog antialias-
ing filters to protect against fold back of out of band tones.
Within this section, an out of band tone refers to an input fre-
quency greater than the pass band frequency specification of
the digital filter that is applied at the analog input.
When designing an antialiasing filter for the AD7768/AD7768-4,
three main aliasing regions must be taken into account. After
the alias requirements of each zone are understood, the user can
design an antialiasing filter to meet the needs of the specific
application. The three zones for consideration are related to the
modulator sampling frequency, the modulator chopping fre-
quency, and the modulator saturation point.
Modulator Sampling Frequency
The AD7768/AD7768-4 modulator signal transfer function
includes a notch, at odd multiples of fMOD, to reject tones or
harmonics related to the modulator clock. The modulator itself
attenuate signals at frequencies of fMOD, 3 × fMOD., 5 × fMOD, and
so on. For an MCLK frequency of 32.768 MHz, the attenuation
is approximately 35 dB in fast mode, 41 dB in median mode,
and 53 dB in eco mode. Attenuation is increased by 6 dB across
each power mode, with every halving of the MCLK frequency,
for example, when reducing the clock from 32.768 MHz to
16.384 MHz.
The modulator has no rejection to signals that are at frequencies in
zones around 2 × fMOD and all even multiples of fMOD.. Signals at
these frequencies are aliased by the AD7768/AD7768-4. For the
AD7768/AD7768-4, the first of these zones that requires protec-
tion is at 2 × fMOD. Because typical switch capacitor, discrete
time Σ-Δ modulators provide no protection to aliasing at the
frequency, fMOD, the AD7768/AD7768-4 provide a distinct
advantage in this regard.
Figure 91 shows the frequency response of the modulator and
wideband digital filter to out of band tones at the analog input.
Figure 91 shows the magnitude of an alias that is seen in band
vs. the frequency of the signal sampled at the analog input. The
relationship between the input signal and the modulator frequency
is expressed in a normalized manner as a ratio of the input signal
(fIN) to the modulator frequency (fMOD). This data demonstrates the
ADC frequency response relative to out of band tones when using
the wideband filter. The input frequency (fIN) is swept from dc to
20 MHz. In fast mode, using an 8.192MHz fMOD frequency, the
x-axis spans ratios of fIN/fMOD from 0 to 2.44 (equivalent to fIN of
0 Hz to 20 MHz). A similar characteristic occurs in median and
eco modes.
The notch appears in Figure 91 with the input frequency (fIN) at
fMOD (designated at fIN/fMOD = 1.00 on the x-axis). An input at this
frequency is attenuated by 35 dB, which adds to the attenuation of
any external antialiasing filter, thus reducing the frequency roll-
off requirement of the external filter. If the plot is swept further
in frequency, the notch is seen to recur at fIN/fMOD = 3.00.
The point where fIN = 2 × fMOD (designated on the x-axis at 2.00)
offers 0 dB attenuation, indicating that all signals falling at this
frequency alias directly back into the ADC conversion results,
in accordance with sampling theory.
The AD7768/AD7768-4 wideband digital filter also offers an
added protection against aliasing. Because the wideband filter has
full attenuation at the Nyquist frequency (fODR/2, where fODR =
fMOD/Decimation Rate), input frequencies, and in particular
harmonics of input frequencies, that may fall close to fODR/2, do not
fold back into the pass-band of the AD7768/AD7768-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com