Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-1BCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7989-1BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-1BCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7989-1BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
Figure 12. SNR vs. Input Level
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 14. SNR vs. Temperature
Figure 15. SINAD vs. Frequency
Figure 16. THD, SFDR vs. Reference Voltage
Figure 17. THD vs. Temperature
100
99
98
97
96
95
94
93
92
91
90
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dB)
100
95
90
85
80
2.25
2.75
3.25
3.75
4.25
4.75
5.25
REFERENCE VOLTAGE (V)
18
17
16
15
14
ENOB
SNR, SINAD
100
98
96
94
92
90
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
100
95
90
85
80
0.1
1
10
100
1k
FREQUENCY (kHz)
–100
–105
–110
–115
–120
–125
–130
2.25
2.75
3.25
3.75
4.25
4.75
5.25
REFERENCE VOLTAGE (V)
130
125
120
115
110
105
100
THD
SFDR
–115
–117
–119
–121
–123
–125
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Rev. A | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com