Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-1BCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7989-1BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-1BCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7989-1BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
THEORY OF OPERATION
Figure 24. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7989-1/AD7989-5 are high speed, low power, single-
supply, precise, 18-bit ADCs using a successive approximation
architecture.
The AD7989-5 is capable of converting 500,000 samples per
second (500 kSPS), whereas the AD7989-1 is capable of
converting 100,000 samples per second (100 kSPS), and they
power down between conversions. When operating at 100 kSPS,
the ADC typically consumes 700 µW, making the AD7989-1
ideal for battery-powered applications.
The AD7989-1/AD7989-5 provide the user with an on-chip
track-and-hold amplifier and do not exhibit any pipeline delay
or latency, making these devices ideal for multiple multiplexed
channel applications.
The AD7989-1/AD7989-5 can be interfaced to any 1.8 V to 5 V
digital logic family. It is available in a 10-lead MSOP or a tiny
10-lead LFCSP that allows space savings and flexible
configurations.
CONVERTER OPERATION
The AD7989-1/AD7989-5 are a successive approximation
ADCs based on a charge redistribution digital-to-analog
converter (DAC). Figure 24 shows the simplified schematic of
the ADC. The capacitive DAC consists of two identical arrays of
18 binary-weighted capacitors, which are connected to the two
comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to GND via SW+ and
SW−. All independent switches are connected to the analog
inputs. Therefore, the capacitor arrays are used as sampling
capacitors and acquire the analog signal on the IN+ and IN−
inputs. When the acquisition phase is complete and the CNV
input goes high, a conversion phase is initiated. When the
conversion phase begins, SW+ and SW− are opened first. The
two capacitor arrays are then disconnected from the inputs and
connected to the GND input. Therefore, the differential voltage
between the IN+ and IN− inputs captured at the end of the
acquisition phase is applied to the comparator inputs, causing
the comparator to become unbalanced. By switching each
element of the capacitor array between GND and REF, the
comparator input varies by binary-weighted voltage steps
(VREF/2, VREF/4 ... VREF/262,144). The control logic toggles these
switches, starting with the MSB, to bring the comparator back
into a balanced condition. After the completion of this process,
the device returns to the acquisition phase, and the control logic
generates the ADC output code.
Because the AD7989-1/AD7989-5 have an on-board conversion
clock, the serial clock, SCK, is not required for the conversion
process.
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
C
C
2C
65,536C
4C
131,072C
LSB
SW+
MSB
LSB
SW–
MSB
C
C
2C
65,536C
4C
131,072C
IN+
REF
GND
IN–
Rev. A | Page 13 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com