Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7989-1BCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7989-1BCPZ-R2
Description  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-1BCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7989-1BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD7989-1BCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7989-1/AD7989-5
Data Sheet
APPLICATIONS INFORMATION
INTERFACING TO BLACKFIN® DSP
The AD7989-1/AD7989-5 can easily connect to a DSP SPI or
SPORT. The SPI configuration is straightforward using the
standard SPI interface, as shown in Figure 37.
Figure 37. Typical Connection to Blackfin SPI Interface
Similarly, the SPORT interface can be used to interface to this
ADC. The SPORT interface has some benefits in that it can use
direct memory access (DMA) and provides a lower jitter CNV
signal generated from a hardware counter.
Some glue logic may be required between SPORT and the
AD7989-1/AD7989-5 interface. The evaluation board for the
AD7989-1/AD7989-5 interfaces directly to the SPORT of the
Blackfin-based (ADSP-BF527) SDP board. The configuration
used for the SPORT interface requires the addition of some glue
logic as shown in Figure 38. The SCK input to the ADC was
gated off when CNV was high to keep the SCK line static while
converting the data, thereby ensuring the best integrity of the
result. This approach uses an AND gate and a NOT gate for the
SCK path. The other logic gates used on the RSCLK and RFS
paths are for delay matching purposes and may not be
necessary when path lengths are short.
This is one approach to using the SPORT interface for this
ADC; there may be other solutions similar to this approach.
Figure 38. Evaluation Board Connection to Blackfin Sport Interface
LAYOUT
Design the printed circuit board that houses the AD7989-1/
AD7989-5 so that the analog and digital sections are separated
and confined to certain areas of the board. The pinout of the
AD7989-1/AD7989-5, with its analog signals on the left side
and its digital signals on the right side, eases this task.
Avoid running digital lines under the device because these
couple noise onto the die, unless a ground plane under the
AD7989-1/AD7989-5 is used as a shield. Do not run fast
switching signals, such as CNV or clocks, near analog signal
paths. Avoid crossover of digital and analog signals.
Using at least one ground plane is recommended. It can be
common or split between the digital and analog sections. In the
latter case, join the planes underneath the AD7989-1/AD7989-5
devices.
The AD7989-1/AD7989-5 voltage reference input, REF, has a
dynamic input impedance. Decouple REF with minimal
parasitic inductances by placing the reference decoupling
ceramic capacitor close to, but ideally right up against, the REF
and GND pins and connecting them with wide, low impedance
traces.
Finally, decouple the power supplies of the AD7989-1/AD7989-5,
VDD and VIO, with ceramic capacitors, typically 100 nF, placed
close to the AD7989-1/AD7989-5 and connected using short,
wide traces to provide low impedance paths and to reduce the
effect of glitches on the power supply lines.
An example of a layout following these rules is shown in
Figure 39 and Figure 40.
AD7989-1/
AD7989-5
SCK
SDO
CNV
SPI_CLK
SPI_MISO
SPI_MOSI
DSP
SCK
SDO
CNV
TSCLK
DR
TFS
RFS
RSCLK
VDRIVE
AD7989-1/
AD7989-5
BLACKFIN
DSP
Rev. A | Page 20 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com