Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS701AV Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS701AV
Description  Commercial, Industrial Low Skew PLL 1 to 8 CMOS Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS701AV Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CGS701AV Datasheet HTML 1Page - National Semiconductor (TI) CGS701AV Datasheet HTML 2Page - National Semiconductor (TI) CGS701AV Datasheet HTML 3Page - National Semiconductor (TI) CGS701AV Datasheet HTML 4Page - National Semiconductor (TI) CGS701AV Datasheet HTML 5Page - National Semiconductor (TI) CGS701AV Datasheet HTML 6Page - National Semiconductor (TI) CGS701AV Datasheet HTML 7Page - National Semiconductor (TI) CGS701AV Datasheet HTML 8Page - National Semiconductor (TI) CGS701AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CGS701A
Absolute Maximum Ratings (Note A)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage Diode Current (IIK)
V eb05V
b
20 mA
V e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IO)
V eb05V
b
20 mA
V e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
60 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
60 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature
150 C
Power Dissipation
(Static and Dynamic) (Note B)
1400 mW
Recommended Operating
Conditions
Supply Voltage (VCC)
45V to 55V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Input Frequency
25 MHz – 40 MHz
Operating Temperature (TA) SKWTST
0 Cto a70 C
External Clock Frequency (Pin)
1 MHz – 10 MHz
XTALIN Duty Cycle Range
2575 (7525)%
Input Rise and Fall Times (08V to 20V)
XTALIN (Pin 5)
5 ns max
All Other Inputs
10 ns max
Typical iJA
LFM
CW
054
225
45
500
38
900
34
Note A
The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed The device should not be operated at
these limits The parametric values defined in the DC and AC Electrical Characteristics tables are not guaranteed at the absolute maximum ratings The
Recommended Operating Conditions will define the conditions for actual device operation
Note B
Power dissipation is calculated using 49 CW as the thermal coefficient for the PCC package at 225 LFM airflow The input frequency is assumed at 33
MHz with CLK4 at 132 MHz and CLK2 and CLK1 being at 66 MHz In addition the ambient temperature is assumed 70 C
DC Electrical Characteristics
Over recommended operating free air temperature range All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
VCC e 45V–55V
Units
Conditions
T e 0 Cto70 C
Min
Typ
Max
VIH
Minimum Input High Level
20
V
Voltage
VIL
Maximum Input Low Level
08
V
Voltage
VOH
Minimum Output High Level
VCC b 01
V
IOUT eb50 mA
Voltage
VCC b 06
IOH eb30 mA
VOL
Maximum Output Low Level
01
V
IOUT e 50 mA
Voltage
06
IOL e 30 mA
IOHD
High Level Output Current
b
50
b
110
b
170
mA
VOH e VCC b 10V
IOLD
Low Level Output Current
50
110
170
mA
VOL e 10V
IIN
Leakage Current
b
50
50
m
AVIN e 04V or 46V
IOZLH
Output Leakage Current
CIN
Input Capacitance
100
pF
ICC
Quiescent digital a analog
30
50
mA
VIN e VCC GND
Current (No Load)
ICCT
ICC per TTL Input
25
VIN e VCC b 21 GND
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com