Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS701AV Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS701AV
Description  Commercial, Industrial Low Skew PLL 1 to 8 CMOS Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS701AV Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CGS701AV Datasheet HTML 1Page - National Semiconductor (TI) CGS701AV Datasheet HTML 2Page - National Semiconductor (TI) CGS701AV Datasheet HTML 3Page - National Semiconductor (TI) CGS701AV Datasheet HTML 4Page - National Semiconductor (TI) CGS701AV Datasheet HTML 5Page - National Semiconductor (TI) CGS701AV Datasheet HTML 6Page - National Semiconductor (TI) CGS701AV Datasheet HTML 7Page - National Semiconductor (TI) CGS701AV Datasheet HTML 8Page - National Semiconductor (TI) CGS701AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CGS701A
AC Electrical Characteristics
Over recommended operating free air temperature range All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
VCC e 45V–55V
Units
Notes
FIN e 25 to 40 MHz
T e 0 Cto a70 C
CL e Circuit 1
RL e Circuit 1
Min
Typ
Max
trise
Output Rise
CLK4
08V to 26V
(Note 1 7)
CLK2
10V to VCC b 10V
20
ns
CLK1
10V to VCC b 10V
All
08V to 20V
15
tfall
Output Fall
CLK4
26V to 08V
(Note 1 7)
CLK2
VCC b 10V to 10V
20
ns
CLK1
VCC b 10V to 10V
All
08V to 20V
15
tSKEW
Maximum Edge-to-
a
to a Edges
CLK1
CLK1
400
(Note 2 7)
Edge Output Skew
a
to a Edges
CLK1
CLK4
1000
ps
a
to a Edges
CLK2
CLK4
1000
tLOCK
Time to Lock the Output to the Synch Input
20
100
m
s
tCYCLE
Output Duty Cycle
CLK1 Outputs
49
51
(Note 3 7)
CLK2 Output
49
51
%
CLK4 Output
35
65
JLT
Output Jitter (Long Term)
03
ns
(Note 4 7)
tPD
Propogation Delay from XTALIN to FBKOUT
b
03
a
03
ns
(Notes 2 4 5 6 7)
FMIN
Minimum XTALIN Frequency
15
MHz
FMAX
Maximum XTALIN Frequency
43
MHz
Note 1
trise and tfall parameters are measured at the pin of the device
Note 2
Skew is measured at 50% of VCC for CLK1 and CLK2 while it is being measured at 14V for CLK4 Limits are guaranteed by design
Note 3
Output duty cycle is measured at VDD 2 for CLK1 and CLK2 while it is being measured at 14V for CLK4 Limits are guaranteed by design
Note 4
Jitter parameter is characterized and is guaranteed by design only It measures the uncertainty of either the positive or the negative edge over 1000 cycles
It is also measured at output levels of VCC 2 Refer to Figure 3 for further explanation
Note 5
Measured from the ref input to any output pin The length of the feedback and XTALIN traces will impact this delay time
Note 6
This parameter includes pin-to-pin skew longterm jitter over 1000 cycles part-to-part variation as well as propagation delay thru the device
Note 7
The GNDA pins of the 701 must be as free of noise as possible for minimum jitter Separate analog ground plane is recommended for the PCB
Also the VCCA pin requires extra filtering to further reduce noise Ferrite beads for filtering and bypass capacitors are suggested for the VCCA pin
Circuit 1 Test Circuit
TLF11920 – 4
http
www nationalcom
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com