Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS701AV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS701AV
Description  Commercial, Industrial Low Skew PLL 1 to 8 CMOS Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS701AV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CGS701AV Datasheet HTML 1Page - National Semiconductor (TI) CGS701AV Datasheet HTML 2Page - National Semiconductor (TI) CGS701AV Datasheet HTML 3Page - National Semiconductor (TI) CGS701AV Datasheet HTML 4Page - National Semiconductor (TI) CGS701AV Datasheet HTML 5Page - National Semiconductor (TI) CGS701AV Datasheet HTML 6Page - National Semiconductor (TI) CGS701AV Datasheet HTML 7Page - National Semiconductor (TI) CGS701AV Datasheet HTML 8Page - National Semiconductor (TI) CGS701AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF11920
December 1995
CGS701AV
Commercial Low Skew PLL 1 to 8 CMOS Clock Driver
CGS701ATV
Industrial Low Skew PLL 1 to 8 CMOS Clock Driver
General Description
CGS701A is an off the shelf clock driver specifically de-
signed for today’s high speed designs It provides low skew
outputs which are produced at different frequencies from
three fixed input references The XTALIN input pin is de-
signed to be driven from a 25 MHz – 40 MHz crystal oscilla-
tor
The PLL using a charge pump and an internal loop filter
multiplies this input frequency to create a maximum output
frequency of four times the input
The device includes a TRI-STATE
control pin to disable
the outputs This feature allows for low frequency functional
testing and debugging
Also included is an EXTSEL pin to allow testing the chip via
an external source The EXTSEL pin once set to high caus-
es the External-Clock
MUX to change its input from the
output of the VCO and Counter to the external clock signal
provided via SKWTST input pin
(continued)
Features
Y
Guaranteed
400 ps pin-to-pin skew (tOSHL and tOSLH)on1X
outputs
Y
Pentium
and PowerPCTM compatible
Y
g
300 ps propagation delay
Y
Output buffer of eight drivers for large fanout
Y
25 MHz – 160 MHz output frequency range
Y
Outputs operating at 4X 2X 1X of the reference fre-
quency for multifrequency bus applications
Y
Selectable output frequency
Y
Internal loop filter to reduce noise and jitter
Y
Separate analog and digital VCC and ground pins
Y
Low frequency test mode by disabling the PLL
Y
Implemented on National’s Core CMOS process
Y
Symmetric output current drive a30 b30 mA IOL IOH
Y
Industrial temperature of b40 Cto a85 C
Y
28-pin PLCC for optimum skew performance
Y
Guaranteed 2k volts ESD protection
Connection Diagram
Pin Assignment for PLCC
TLF11920 – 1
Pin Description
PLCC Package
Pin
Name
Description
1VCC
Digital VCC
2
FBK IN
Feedback Input Pin
3
CLK4
4X Clock Output
4VCC
Digital VCC
5
XTALIN
Crystal Oscillator Input
6
GND
Digital Ground
7
FBK OUT
Feedback Output Pin
8VCC
Digital VCC
9
CLK1
l
1X Clock Output
10
GND
Digital Ground
11
CLK1
2
1X Clock Output
12
TRI-STATE
Output TRI-STATE Control
13
SKWTST
Skew Testing Pin
14
CLK1
3
1X Clock Output
15
GND
Digital Ground
16
CLK1
4
1X Clock Output
17
VCC
Digital VCC
18
SKWSEL
Skew Test Selector Pin
19
GNDA
Analog Ground
20
VCCA
Analog VCC
21
EXTSEL
External Clock MUX Selector
22
GND
Digital Ground
23
CLK1
5
1X Clock Output
24
VCC
Digital VCC
25
CLK1
0
1X Clock Output
26
CLK1SEL
CLK1 Multiplier Selector
27
GND
Digital Ground
28
CLK2
2X Clock Output
Pentium
is a registered trademark of Intel Corporation
PowerPCTM is a trademark of International Business Machines Corporation
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M106Printed in U S A
http
www nationalcom


Similar Part No. - CGS701AV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS700TV NSC-CGS700TV Datasheet
125Kb / 6P
Commercial Low Skew PLL 1 to 9 CMOS Clock Driver
CGS700V NSC-CGS700V Datasheet
125Kb / 6P
Commercial Low Skew PLL 1 to 9 CMOS Clock Driver
logo
List of Unclassifed Man...
CGS702T400X5R ETC1-CGS702T400X5R Datasheet
1Mb / 7P
Computer Grade Aluminum Electrolytic Capacitor
logo
Cornell Dubilier Electr...
CGS702T400X5R CDE-CGS702T400X5R Datasheet
824Kb / 8P
High-Cap Screw Terminal Aluminum Electrolytic Capacitor
logo
List of Unclassifed Man...
CGS702U075R2L ETC1-CGS702U075R2L Datasheet
1Mb / 7P
Computer Grade Aluminum Electrolytic Capacitor
More results

Similar Description - CGS701AV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
Low Skew CMOS PLL Clock Driver
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
National Semiconductor ...
CGS702V NSC-CGS702V Datasheet
181Kb / 10P
Commercial Low Skew PLL 1 to 9 CMOS Clock Driver with Improved EMI
CGS700V NSC-CGS700V Datasheet
125Kb / 6P
Commercial Low Skew PLL 1 to 9 CMOS Clock Driver
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
Low Skew CMOS PLL 68060 Clock Driver
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com