Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1270ACPZ-R7
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM1270ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADM1270
Data Sheet
Rev. A | Page 4 of 21
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT SENSE VOLTAGE
Sense Voltage Current Limit
(VSENSE+ − VSENSE−)
VSENSECL
47
50
53
mV
VISET > 2.65 V, VFLB > 1.1 V, ΔVGATE = 3 V, IGATE = 0 µA
Foldback Inactive
62.5
mV
VISET = 2.5 V, VFLB > 1.35 V, ΔVGATE = 3 V, IGATE = 0 µA
47
50
53
mV
VISET = 2 V, VFLB > 1.1 V, ΔVGATE = 3 V, IGATE = 0 µA
22.5
25.0
27.5
mV
VISET = 1 V, VFLB > 0.57 V, ΔVGATE = 3 V, IGATE = 0 µA
10.0
12.5
15.0
mV
VISET = 0.5 V, VFLB > 0.3 V, ΔVGATE = 3 V, IGATE = 0 µA
Foldback Active
7
10
13
mV
VFLB = 0 V, ΔVGATE = 3 V, IGATE = 0 µA
22
25
28
mV
VISET > 2 V, VFLB = 0.5 V, ΔVGATE = 3 V, IGATE = 0 µA
Circuit Breaker Offset
VCBOS
0.5
1
1.5
mV
Circuit breaker trip voltage, VCB = VSENSECL − VCBOS
SEVERE OVERCURRENT
Voltage Threshold
VSENSEOC
90
100
110
mV
VISET > 2.65 V
20
25
30
mV
VISET = 0.5 V
Glitch Filter Duration
0.4
1.6
µs
Response Time
2.0
3.5
µs
TIMER PIN
TIMER Pull-Up Current
ITIMERUP
−18
−20
−22
µA
Overcurrent fault, 0.2 V ≤ VTIMER ≤ 2 V
TIMER High Threshold
VTIMERH
1.96
2.0
2.04
V
TIMER Low Threshold
VTIMERL
0.075
0.10
0.12
V
TIMER Pull-Down Current
ITIMERPD
0.85
1.15
µA
Timer pin voltage = 0.2 V
75
105
µA
Timer pin voltage = 0.05 V
TIMER_OFF PIN
Power-On Reset Pull-Up Current
IPOR
−18
−20
−22
µA
Initial power-on reset, VTIMER_OFF = 1 V
Retry Pull-Up Current
ITMROFF
−0.85
−1
−1.15
µA
After fault when GATE is off, VTIMER_OFF = 1 V
TIMER_OFF High Threshold
VTMROFFH
1.96
2.0
2.04
V
FOLDBACK (FLB PIN)
Input Current
IFLB
0.005
0.2
µA
VFLB ≤ 5.5 V, TA = −40°C to +85°C
0.005
1
µA
VFLB ≤ 5.5 V, TA = −40°C to +125°C
PWRGD FEEDBACK INPUT (FB_PG PIN)
Input Current
IFBPG
0.005
0.2
µA
VFB_PG ≤ 5.5 V, TA = −40°C to +85°C
0.005
1
µA
VFB_PG ≤ 5.5 V, TA = −40°C to +125°C
PWRGD Rising Threshold
VPGTH
0.985
1.0
1.015
V
FB_PG rising
PWRGD Threshold Hysteresis
PGHYST
25
30
35
mV
Power-Good Glitch Filter
PGGF
0.5
1.5
µs
50 mV overdrive
FAULT PIN
Output Low Voltage
VOL_FAULT
0.1
V
IFAULT = 100 µA
0.4
V
IFAULT = 1 mA
Leakage Current
IFAULT
0.005
1
µA
VFAULT = 5.5 V, FAULT output high-Z
ENABLE PIN
Input High Voltage
VIH
1.2
V
Input Low Voltage
VIL
0.4
V
Leakage Current
IEN
0.005
1
µA
VEN = 5.5 V
PWRGD PIN
Output Low Voltage
VOL_PWRGD
0.1
V
IPWRGD = 100 µA
0.4
V
IPWRGD = 1 mA
Output Low Voltage
VOL_PWRGD
0.4
V
VCC = 1.7 V, ISINK = 100 µA,
Leakage Current
IPWRGD
0.005
1
µA
VPWRGD = 60 V, PWRGD output high-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com