Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1270ACPZ-R7
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM1270ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 5 of 21
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC/SENSE+
−0.3 V to +66 V
VCAP
−0.3 V to +6 V
UV
−0.3 V to +6 V
OV
−0.3 V to +6 V
ISET
−0.3 V to VCAP + 0.3 V
FLB
−0.3 V to +6 V
FB_PG
−0.3 V to +6 V
TIMER_OFF
−0.3 V to VCAP + 0.3 V
TIMER
−0.3 V to VCAP + 0.3 V
FAULT
−0.3 V to +6 V
ENABLE
−0.3 V to +6 V
PWRGD
−0.3 V to +66 V
GATE
−0.3 V to VCC + 0.3 V
GATE to VCC/SENSE+
−22 V to +0.3 V
SENSE−
−0.3 V to VCC + 0.3 V
RPFG
−0.3 V to VCC + 0.3 V
RPFG to VCC/SENSE+
−22 V to +0.3 V
VSENSE (VSENSE+ − VSENSE−)
±0.3 V
Continuous Current into Any Pin
±10 mA
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature, Soldering (10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
ΨJB
Unit
16-Lead, 3 mm × 3 mm LFCSP
49.5
35.2
29.6
°C/W
16-Lead QSOP
106.03
28.31
43.22
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com