Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1270ACPZ-R7
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1270ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM1270ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 13 of 21
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VISET (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 28. Sense Voltage (VSENSE) vs. ISET Voltage (VISET),
Different Temperatures
0
5
10
15
20
25
30
35
40
45
50
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
10mV
20mV
30mV
40mV
50mV
60mV
Figure 29. OC Input Current vs. Temperature, Different Sense Voltages (VSENSE)
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40°C
–5°C
+25°C
+85°C
+125°C
VSENSE (V)
Figure 30. OC Input Current vs. Sense Voltage (VSENSE), Different Temperatures
1.98
2.00
1.99
2.01
2.02
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
4V
50V
Figure 31. OC TIMER Threshold vs. Temperature, Different Input Voltages
1.97
1.99
2.01
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
4V
50V
1.98
2.00
Figure 32. OC TIMER_OFF Threshold vs. Temperature,
Different Input Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com