Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ARQZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1270ARQZ-R7
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ARQZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1270ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADM1270
Data Sheet
Rev. A | Page 8 of 21
ISET
VCAP
UV
VCC/SENSE+
RPFG
ENABLE
OV
FAULT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADM1270
(Not to Scale)
TOP VIEW
FB_PG
GATE
SENSE–
PWRGD
FLB
GND
TIMER_OFF
TIMER
Figure 3. 16-Lead QSOP Pin Configuration
Table 5. 16-Lead QSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC/SENSE+
Positive Supply Input Pin (VCC). A UVLO circuit resets the device when a low supply voltage is detected. GATE is
held off when the supply is below UVLO. No sequencing is required.
Positive Current Sense Input Pin (SENSE+). This pin connects to the main supply input. A sense resistor between
the VCC/SENSE+ pin and the SENSE− pin sets the analog current limit. The hot swap operation of the ADM1270
controls the external FET gate to maintain the sense voltage (VSENSE+ − VSENSE−).
2
RPFG
Reverse Protection FET Gate Driver Output. Connect this pin to the gate of the external reverse polarity protection
P-channel FET for low voltage drop operation.
3
VCAP
Internal Regulated Supply. Place a capacitor with a 1 μF or greater value on this pin to maintain good accuracy.
This pin can be used as a reference to program the ISET pin voltage.
4
ISET
Current Limit. This pin allows the current-limit threshold to be programmed. The default limit is set when this pin
is connected directly to VCAP. To achieve a user defined sense voltage, the current limit can be adjusted using a
resistor divider from VCAP. An external reference can also be used.
5
UV
Undervoltage Input Pin. An external resistor divider is connected from the supply to this pin to allow an internal
comparator to detect whether the supply is under the UV limit.
6
OV
Overvoltage Input Pin. An external resistor divider is connected from the supply to this pin to allow an internal
comparator to detect whether the supply is above the OV limit.
7
ENABLE
Enable Pin. This pin is a digital logic input. This input must be high to allow the ADM1270 controller to begin a
power-up sequence. If this pin is held low, the ADM1270 is prevented from powering up. There is no internal pull-
up on this pin.
8
FAULT
Fault Output. This pin indicates that the device has shut down due to an overcurrent fault condition. The device
can be configured for automatic retry after shutdown by connecting this pin directly to the ENABLE pin.
9
GND
Ground Pin.
10
TIMER
Timer Pin. An external capacitor, CTIMER, sets an SOA overcurrent fault delay. The GATE pin is pulled off when the
voltage on the TIMER pin exceeds the upper threshold.
11
TIMER_OFF
Timer Off Pin. An external capacitor, CTIMER_OFF, sets an initial timing cycle delay and the SOA off time delay. After an
SOA overcurrent fault has occurred, the GATE pin is pulled off until the voltage on the TIMER_OFF pin exceeds the
threshold.
12
FB_PG
PWRGD Feedback Input Pin. An external resistor divider is connected from the output voltage to this pin to allow
an internal comparator to detect when the output voltage is above the PWRGD threshold.
13
FLB
Foldback Pin. A foldback resistor divider is placed from the source of the FET to this pin. Foldback reduces the
current limit when the source voltage drops. The foldback feature ensures that the power through the FET is not
increased beyond the SOA limits.
14
PWRGD
Power-Good Signal. This signal indicates that the supply is within tolerance. This signal is based on the voltage
present on the FB_PG pin.
15
GATE
Gate Output Pin. This pin is the gate drive of an external P-channel FET. This pin is driven by the FET drive
controller, which provides a pull-down current to charge the FET gate pin. The FET drive controller regulates to a
maximum load current by regulating the GATE pin. GATE is held off when the supply is below UVLO.
16
SENSE−
Negative Current Sense Input Pin. A sense resistor between the VCC/SENSE+ pin and the SENSE− pin sets the
analog current limit. The hot swap operation of the ADM1270 controls the external FET gate to maintain the sense
voltage (VSENSE+ − VSENSE−). This pin also connects to the FET drain pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com