Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ARQZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1270ARQZ-R7
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ARQZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1270ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 11 of 21
0.045
0.050
0.055
0.060
0.065
0.070
2.50
2.52
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
VISET (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 16. Reference Select Threshold Voltage (VISETRSTH) vs. ISET Voltage (VISET),
Different Temperatures
–22.0
–21.5
–21.0
–20.5
–20.0
–19.5
–19.0
–18.5
–18.0
–45
–25
–5
15
35
55
75
95
115
135
TEMPERATURE (°C)
4V
6V
10V
20V
50V
Figure 17. Timer Current vs. Temperature, Different Input Voltages
–1.5
–1.4
–1.3
–1.2
–1.1
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–45
–25
–5
15
35
55
75
95
115
135
TEMPERATURE (°C)
4V
6V
10V
20V
50V
Figure 18. Timer Off Current (ITMROFF) vs. Temperature,
Different Input Voltages
–22.0
–21.5
–21.0
–20.5
–20.0
–19.5
–19.0
–18.5
–18.0
0
5
10
15
20
25
30
35
40
45
50
55
INPUT VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 19. POR Timer Off Current (IPOR) vs. Input Voltage (VIN),
Different Temperatures
–22.0
–21.5
–21.0
–20.5
–20.0
–19.5
–19.0
–18.5
–18.0
–45
–25
–5
15
35
55
75
95
115
135
TEMPERATURE (°C)
4V
6V
10V
20V
50V
Figure 20. POR Timer Off Current (IPOR) vs. Temperature,
Different Input Voltages
0
1
2
3
4
5
6
7
0.90
0.95
1.00
1.05
1.10
OV INPUT VOLTAGE (V)
OV INPUT RISE
OV INPUT FALL
Figure 21. VGATE vs. OV Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com