Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270ARQZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1270ARQZ-R7
Description  High Voltage Input Protection Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1270ARQZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1270ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADM1270ARQZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADM1270
Data Sheet
Rev. A | Page 10 of 21
0
2
4
6
8
10
12
14
16
18
20
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
VIN = 4.5V
VIN = 6V
VIN = 10V
Figure 10. VVCAP Overcurrent (OC) Threshold vs. Temperature,
Different Input Voltages
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.6
12.8
13.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VIN = 14V
VIN = 25V
VIN = 50V
Figure 11. GATE Voltage (VGATE) vs. Temperature, Different Input Voltages
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.6
12.8
13.0
VIN = 14V
VIN = 25V
VIN = 50V
Figure 12. RPFG Voltage (VRPFG) vs. Temperature, Different Input Voltages
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
VIN = 14V
VIN = 25V
VIN = 50V
Figure 13. RPFG Pull-Down Current (IRPFGND) vs. Temperature,
Different Input Voltages
0.045
0.050
0.055
0.060
0.065
0.070
2.50
2.52
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
VISET (V)
4V
25V
50V
Figure 14. Current Sense Voltage vs. ISET Voltage (VISET),
Different Input Voltages
2.50
2.55
2.60
2.65
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 15. Reference Select Threshold Voltage (VISETRSTH) vs. Temperature,
VIN = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com