Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012GTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2012GTA
Description  60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2012GTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2012GTA Datasheet HTML 1Page - Diodes Incorporated ZXTP2012GTA Datasheet HTML 2Page - Diodes Incorporated ZXTP2012GTA Datasheet HTML 3Page - Diodes Incorporated ZXTP2012GTA Datasheet HTML 4Page - Diodes Incorporated ZXTP2012GTA Datasheet HTML 5Page - Diodes Incorporated ZXTP2012GTA Datasheet HTML 6Page - Diodes Incorporated ZXTP2012GTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTP2012G
Document number: DS33712 Rev. 2 - 2
1 of 7
www.diodes.com
December 2015
© Diodes Incorporated
ZXTP2012G
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Features
BVCEO > -60V
IC = -5.5A Continuous Collector Current
ICM = -15A Peak Pulse Current
Low Saturation Voltage VCE(SAT) < -70mV Max @ -1A
RSAT = 39mΩ @ -5A for Low Equivalent On-Resistance
hFE Specified up to -10A for High Gain Hold Up
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Pl
astic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Applications
DC-DC Converters
MOSFET Gate Drivers
Charging Circuits
Power Switches
Motor Control
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
ZXTP2012GTA
AEC-Q101
ZXTP2012
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT223
Top View
Pin-Out Top View
Device Schematic
SOT223
Green
ZXTP 2012 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week code (01 - 53)
ZXTP
2012


Similar Part No. - ZXTP2012GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012GTA ZETEX-ZXTP2012GTA Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012GTA DIODES-ZXTP2012GTA Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results

Similar Description - ZXTP2012GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
ZXTP2012Z DIODES-ZXTP2012Z Datasheet
131Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
logo
Zhaoxingwei Electronics...
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZXT951K DIODES-ZXT951K_15 Datasheet
141Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 3
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
ZXT951KQ DIODES-ZXT951KQ Datasheet
441Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com