Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC583 Datasheet(PDF) 58 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 54Page - Analog Devices ADSP-SC583 Datasheet HTML 55Page - Analog Devices ADSP-SC583 Datasheet HTML 56Page - Analog Devices ADSP-SC583 Datasheet HTML 57Page - Analog Devices ADSP-SC583 Datasheet HTML 58Page - Analog Devices ADSP-SC583 Datasheet HTML 59Page - Analog Devices ADSP-SC583 Datasheet HTML 60Page - Analog Devices ADSP-SC583 Datasheet HTML 61Page - Analog Devices ADSP-SC583 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 168 page
background image
Rev. PrF
|
Page 58 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
ADSP-SC58X/ADSP-2158X DESIGNER QUICK REFERENCE
Table 26 provides a quick reference summary of pin related
information for circuit board design. The columns in this table
provide the following information:
• Signal Name: The Signal Name column in the table
includes the signal name for every pin and (where applica-
ble) the GPIO multiplexed pin function for every pin.
• Pin Type: The Type column in the table identifies the I/O
type or supply type of the pin. The abbreviations used in
this column are a (analog), s (supply), g (ground) and
Input/Output/InOut.
• Driver Type: The Driver Type column in the table identi-
fies the driver type used by the pin. The driver types are
defined in the output drive currents section of this data
sheet.
• Internal Termination: The Int Term column in the table
specifies the termination present when the processor is not
in the reset state.
• Reset Termination: The Reset Term column in the table
specifies the termination present when the processor is in
the reset state.
• Reset Drive: The Reset Drive column in the table specifies
the active drive on the signal when the processor is in the
reset state.
• Power Domain: The Power Domain column in the table
specifies the power supply domain in which the signal
resides.
• Description and Notes: The Description and Notes column
in the table identifies any special requirements or charac-
teristics for the signal. If no special requirements are listed
the signal may be left unconnected if it is not used. Also, for
multiplexed general-purpose I/O pins, this column identi-
fies the functions available on the pin.
Table 26. ADSP-SC58x/ADSP-2158x Designer Quick Reference
Signal Name
Type
Driver
Type
Int
Term
Reset
Term
Reset
Drive
Power Domain
Description
and Notes
DAI0_PIN01
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 1
Notes: No notes
DAI0_PIN02
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 2
Notes: No notes
DAI0_PIN03
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 3
Notes: No notes
DAI0_PIN04
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 4
Notes: No notes
DAI0_PIN05
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 5
Notes: No notes
DAI0_PIN06
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 6
Notes: No notes
DAI0_PIN07
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 7
Notes: No notes
DAI0_PIN08
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 8
Notes: No notes
DAI0_PIN09
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 9
Notes: No notes
DAI0_PIN10
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 10
Notes: No notes
DAI0_PIN11
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 11
Notes: No notes
DAI0_PIN12
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 12
Notes: No notes
DAI0_PIN13
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 13
Notes: No notes
DAI0_PIN14
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 14
Notes: No notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com