Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC583 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-SC583 Datasheet HTML 1Page - Analog Devices ADSP-SC583 Datasheet HTML 2Page - Analog Devices ADSP-SC583 Datasheet HTML 3Page - Analog Devices ADSP-SC583 Datasheet HTML 4Page - Analog Devices ADSP-SC583 Datasheet HTML 5Page - Analog Devices ADSP-SC583 Datasheet HTML 6Page - Analog Devices ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 3 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
GENERAL DESCRIPTION
The ADSP-SC58x/ADSP-2158x processors are members of the
SHARC
® family of products. The ADSP-SC58x processor is
based on the SHARC+ dual-core and the ARM Cortex-A5 core.
The ADSP-SC58x/ADSP-2158x SHARC processors are mem-
bers of the SIMD SHARC family of DSPs that feature Analog
Devices Super Harvard Architecture. These 32-bit/40-bit/64-bit
floating-point processors are optimized for high performance
audio/floating-point applications with their large on-chip
SRAM, multiple internal buses to eliminate I/O bottlenecks, and
innovative digital audio interfaces (DAI). New enhancements to
the SHARC+ core add cache enhancements, branch prediction,
and other instruction set improvements—all while maintaining
instruction set compatibility to previous SHARC products.
By integrating a rich set of industry-leading system peripherals
and memory (see Table 1, Table 2, and Table 3), the
ARM/SHARC processor is the platform of choice for next-gen-
eration applications that require RISC-like programmability,
multimedia support, and leading-edge signal processing in one
integrated package. These applications span a wide array of
markets, from automotive and pro-audio to industrial-based
applications that require high floating-point performance.
Table 2 provides feature comparison information for features
that vary across the standard processors.
Table 3 provides feature comparison information for features
that vary across the automotive processors.
Table 1. Common Product Features
ADSP-SC58x / ADSP-2158x
DAI (includes SRU)
2
Full SPORTs
2
×4
S/PDIF Rx/Tx
2
×1
ASRCs
2
×4
Precision Clock Generators
2
×2
I2C (TWI)
3
Quad Data Bit SPI
1
Dual Data Bit SPI
2
CAN2.0
2
UARTs
3
Link Ports
2
Enhanced PPI
1
GP Timer1
8
GP Counter
1
Enhanced PWMs2
3
Watchdog Timers
2
ADC Control Module
Yes
Static Memory Controller
Yes
Hardware Accelerators
High Performance FFT/IFFT
Yes
FIR/IIR
Yes
Harmonic Analysis Engine
Yes
SINC Filter
Yes
Security Crypto Engine
Yes
Multi-channel 12-bit ADC
8-ch
1 Eight timers are available in the 529-BGA package only. The 349-BGA package
does not include Timer 6 and 7.
2 Three ePWMs are available in the 529-BGA package only. The 349-BGA package
does not include PWM 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com