Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC583 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 2Page - Analog Devices ADSP-SC583 Datasheet HTML 3Page - Analog Devices ADSP-SC583 Datasheet HTML 4Page - Analog Devices ADSP-SC583 Datasheet HTML 5Page - Analog Devices ADSP-SC583 Datasheet HTML 6Page - Analog Devices ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices ADSP-SC583 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 168 page
background image
Rev. PrF
|
Page 6 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
Generic Interrupt Controller, PL390 (ADSP-SC58x only)
The generic interrupt controller (GIC) is a centralized resource
for supporting and managing interrupts. The ADSP-SC58x pro-
cessor has a uniprocessor implementation of the GIC. The GIC
splits logically into GICPORT0 (distributor block) and
GICPORT1 (CPU interface block).
Generic Interrupt Controller Port0 (GICPORT0)
The GICPORT0 (distributor) performs interrupt prioritization
and distribution to the GICPORT1 (CPU interface) blocks that
connect to the processors in the system. It centralizes all inter-
rupt sources, determines the priority of each interrupt, and
forwards the interrupt with the highest priority to the interface,
for priority masking and preemption handling.
Generic Interrupt Controller Port1 (GICPORT1)
GICPORT1 (CPU interface) block performs priority masking
and preemption handling for a connected processor in the sys-
tem. GICPORT1 supports 8 SGIs (software generated
interrupts) and 254 SPIs (shared peripheral interrupts).
L2 Cache Controller, PL310 (ADSP-SC58x only)
The L2 cache controller PL310 (Figure 2) works efficiently with
ARM processors that implement system fabric. The cache con-
troller directly interfaces on the data and instruction interface.
The internal pipelining of the cache controller is optimized to
enable the processors to operate at the same clock frequency.
The cache controller supports:
• Two read/write 64-bit slave ports for interfacing with data
and instruction interfaces or for data between ARM and
SHARC cores
• Two read/write 64-bit master ports for interfacing with the
system fabric
SHARC PROCESSOR
As shown in Figure 3, the SHARC processor integrates a
SHARC+ SIMD core, L1 memory crossbar, I/D cache control-
ler, L1 memory blocks, and the master/slave ports. The
SHARC+ SIMD core is shown in Figure 4.
The SHARC processor supports a modified Harvard architec-
ture in combination with a hierarchical memory structure.
Level 1 (L1) memories typically operate at the full processor
speed with little or no latency.
Figure 3. SHARC Processor Block Diagram
B3
RAM
I-CACHE
B2
RAM
P-CACHE
B2
RAM
P-CACHE
B1
RAM
D-CACHE
B2
RAM
P-CACHE
B2
RAM
P-CACHE
B2
RAM
D-CACHE
B2
RAM
P-CACHE
B2
RAM
P-CACHE
B0
RAM
IO (32)
INTERNAL MEMORY INTERFACE (IMIF)
I/D CACHE CONTROL
SHARC+
SIMD CORE
SLAVE
PORT 1
SLAVE
PORT 2
IO (32)
CORE
MMR
DM (64)
PM (64)
PS (64/48)
(32)
MASTER
PORT INSTRUCTION
MASTER
PORT DATA
IO (32)
IO (32)
CMD (64)
CMI (64)
SYSTEM FABRIC
SYSCLK
DOMAIN
INTERRUPT
SEC
S
SIMD Processor
CCLK DOMAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com