Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC006 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC006
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC006 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC006 Datasheet HTML 4Page - National Semiconductor (TI) CLC006 Datasheet HTML 5Page - National Semiconductor (TI) CLC006 Datasheet HTML 6Page - National Semiconductor (TI) CLC006 Datasheet HTML 7Page - National Semiconductor (TI) CLC006 Datasheet HTML 8Page - National Semiconductor (TI) CLC006 Datasheet HTML 9Page - National Semiconductor (TI) CLC006 Datasheet HTML 10Page - National Semiconductor (TI) CLC006 Datasheet HTML 11Page - National Semiconductor (TI) CLC006 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PCB Layout Recommendations
Printed circuit board layout affects the performance of the
CLC006. The following guidelines will aid in achieving satis-
factory device performance.
•
Use a ground plane or power/ground plane sandwich de-
sign for optimum performance.
•
Bypass device power with a 0.01 µF monolithic ceramic
capacitor in parallel with a 6.8 µF tantalum electrolytic ca-
pacitor located no more than 0.1
″ (2.5 mm) from the de-
vice power pins.
•
Provide short, symmetrical ground return paths for:
— inputs,
— supply bypass capacitors and
— the output load.
•
Provide short, grounded guard traces located
— under the centerline of the package,
— 0.1
″ (2.5 mm) from the package pins
— on both top and bottom of the board with connecting
vias.
EVALUATION BOARD
A schematic, parts list and layout for a suitable evaluation
board are given on the following page. The artwork includes
trace, silk screen and ground layers. The individual printed
circuit board is available unassembled from National Semi-
conductor. To order this evaluation board, part number
CLC730056, contact your local sales representative or
the National Semiconductor Customer Response Center
in your area. (This evaluation board is identical to that for
the CLC007 for which some of the listed parts are not re-
quired.)
The evaluation board is a guide to proper circuit layout and
makes prototyping and measurement-taking easy. Since the
board is designed to accommodate many of the application
circuits possible with the CLC006, your particular application
may not require all of the listed parts or may require different
values. The evaluation board may be powered from standard
ECL supply voltages by installing the two jumpers in the lo-
cations labeled “−5”. For PECL supply voltages, install the
jumpers in the locations labeled “+5”.
DS100084-17
CLC006 Evaluation Board Schematic
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com