Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC006 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC006
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC006 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC006 Datasheet HTML 1Page - National Semiconductor (TI) CLC006 Datasheet HTML 2Page - National Semiconductor (TI) CLC006 Datasheet HTML 3Page - National Semiconductor (TI) CLC006 Datasheet HTML 4Page - National Semiconductor (TI) CLC006 Datasheet HTML 5Page - National Semiconductor (TI) CLC006 Datasheet HTML 6Page - National Semiconductor (TI) CLC006 Datasheet HTML 7Page - National Semiconductor (TI) CLC006 Datasheet HTML 8Page - National Semiconductor (TI) CLC006 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CLC006
Serial Digital Cable Driver with Adjustable Outputs
General Description
National’s Comlinear CLC006 is a monolithic, high-speed
cable driver designed for the SMPTE 259M serial digital
video data transmission standard. The CLC006 drives 75
Ω
transmission lines (Belden 8281 or equivalent) at data rates
up to 400 Mbps. Controlled output rise and fall times (650 ps
typical) minimize transition-induced jitter. The output voltage
swing, typically 1.65V, set by an accurate, low-drift internal
bandgap reference, delivers an 800 mV swing to back-
matched and terminated 75
Ω cable. Output swing is adjust-
able from 0.7 V
p-p to2Vp-p using external resistors.
The CLC006’s class AB output stage consumes less power
than other designs, 185 mW with both outputs terminated,
and requires no external bias resistors. The differential in-
puts accept a wide range of digital signals from 200 mV
p-p to
ECL levels within the specified common-mode limits. All this
make the CLC006 an excellent general purpose high speed
driver for digital applications.
The CLC006 is powered from a single +5V or −5.2V supply
and comes in an 8-pin SOIC package.
Key Specifications
n 650 ps rise and fall times
n Data rates to 400 Mbps
n 200 mV differential input
n Low residual jitter (25 pspp )
Features
n No external pull-down resistors
n Adjustable output amplitude
n Differential input and output
n Low power dissipation
n Single +5V or −5.2V supply
n Replaces GS9008 in most applications
Applications
n Digital routers and distribution amplifiers
n Coaxial cable driver for digital transmission line
n Twisted pair driver
n Serial digital video interfaces for the commercial and
broadcast industry
n SMPTE, Sonet/SDH, and ATM compatible driver
n Buffer applications
Connection Diagram (8-Pin SOIC)
Typical Application
DS100084-1
DS100084-3
Order Number CLC006AJE
See NS Package Number M08A
DS100084-2
August 1998
© 1998 National Semiconductor Corporation
DS100084
www.national.com


Similar Part No. - CLC006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC006 NSC-CLC006 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC006 TI2-CLC006 Datasheet
638Kb / 19P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
REVISED APRIL 2013
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC006BM/NOPB TI-CLC006BM/NOPB Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC006BM/NOPB TI2-CLC006BM/NOPB Datasheet
638Kb / 19P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
REVISED APRIL 2013
More results

Similar Description - CLC006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
Serial Digital Cable Driver with Dual Complementary Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com