Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC006 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC006
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC006 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC006 Datasheet HTML 4Page - National Semiconductor (TI) CLC006 Datasheet HTML 5Page - National Semiconductor (TI) CLC006 Datasheet HTML 6Page - National Semiconductor (TI) CLC006 Datasheet HTML 7Page - National Semiconductor (TI) CLC006 Datasheet HTML 8Page - National Semiconductor (TI) CLC006 Datasheet HTML 9Page - National Semiconductor (TI) CLC006 Datasheet HTML 10Page - National Semiconductor (TI) CLC006 Datasheet HTML 11Page - National Semiconductor (TI) CLC006 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PCB Layout Recommendations (Continued)
Item
Reference Designator
Part Description
Qty
1
C1, C2, C8, C9
0.1 µF SMD Capacitor, Size 1206
4
2
C5, C60
33 pF SMD Capacitor, Size 1206
2
3
C7, C10, C13, C14
0.01 µF SMD Tantalum Capacitor, Size 12062
4
4
C11, C12
6.8 µF SMD Tantalum Capacitor, Size 6032
2
5
J1, J2
BNC PC Amphenol #31-5329-52RFX
2
6
J3, J4
BNC PC Amphenol #31-5329-72RFX
2
7
R3, R1
124
Ω SMD Resistor, Size 1206
2
8
R4, R5
82.5
Ω SMD Resistor, Size 1206
2
9
R6, R7
75
Ω SMD Resistor, Size 1206
2
10
R11
2.4 k
Ω SMD Resistor, Size 1206
1
11
R12
3 k
Ω SMD Resistor, Size 1206
1
12
U1
CLC006AJE Cable Driver
1
13
+5, −5
Jumper
4
14
VR1
10 k
Ω Potentiometer, Bourns 3299
1
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com