Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC007 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC007
Description  Serial Digital Cable Driver with Dual Complementary Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC007 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC007 Datasheet HTML 1Page - National Semiconductor (TI) CLC007 Datasheet HTML 2Page - National Semiconductor (TI) CLC007 Datasheet HTML 3Page - National Semiconductor (TI) CLC007 Datasheet HTML 4Page - National Semiconductor (TI) CLC007 Datasheet HTML 5Page - National Semiconductor (TI) CLC007 Datasheet HTML 6Page - National Semiconductor (TI) CLC007 Datasheet HTML 7Page - National Semiconductor (TI) CLC007 Datasheet HTML 8Page - National Semiconductor (TI) CLC007 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Operation (Continued)
OUTPUT INTERFACING
The CLC007’s class AB output stage, Figure 6, requires no
standing current in the output transistors and therefore re-
quires no biasing or pull-down resistors. Advantages of this
arrangement are lower power dissipation and fewer external
components. The output may be either D.C. or A.C. coupled
to the load. A bandgap voltage reference sets output voltage
levels which are compatible with F100K and 10K ECL when
correctly terminated. The outputs do not have the same out-
put voltage temperature coefficient as 10K. Therefore, noise
margins will be reduced over the full temperature range
DS100085-6
FIGURE 3. DC Coupled Input
DS100085-7
FIGURE 4. Single Ended 50
Ω ECL Input
DS100085-8
FIGURE 5. Differential 50
Ω ECL Input
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com