Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC007 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC007
Description  Serial Digital Cable Driver with Dual Complementary Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC007 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC007 Datasheet HTML 1Page - National Semiconductor (TI) CLC007 Datasheet HTML 2Page - National Semiconductor (TI) CLC007 Datasheet HTML 3Page - National Semiconductor (TI) CLC007 Datasheet HTML 4Page - National Semiconductor (TI) CLC007 Datasheet HTML 5Page - National Semiconductor (TI) CLC007 Datasheet HTML 6Page - National Semiconductor (TI) CLC007 Datasheet HTML 7Page - National Semiconductor (TI) CLC007 Datasheet HTML 8Page - National Semiconductor (TI) CLC007 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Operation (Continued)
when driving 10K ECL. Noise margins will not be affected
when interfacing to F100K since F100K is fully voltage and
temperature compensated.
OUTPUT RISE AND FALL TIMES
Output load capacitance can significantly affect output rise
and fall times. The effect of load capacitance, stray or other-
wise, may be reduced by placing the output back-match re-
sistor close to the output pin and by minimizing all intercon-
necting trace lengths.
Figure 8 shows the effect on risetime
of parallel load capacitance across a 150
Ω load.
DS100085-9
FIGURE 6. Output Stage
DS100085-10
FIGURE 7. Differential Input DC Coupled Output
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com