Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC007 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC007
Description  Serial Digital Cable Driver with Dual Complementary Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC007 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC007 Datasheet HTML 1Page - National Semiconductor (TI) CLC007 Datasheet HTML 2Page - National Semiconductor (TI) CLC007 Datasheet HTML 3Page - National Semiconductor (TI) CLC007 Datasheet HTML 4Page - National Semiconductor (TI) CLC007 Datasheet HTML 5Page - National Semiconductor (TI) CLC007 Datasheet HTML 6Page - National Semiconductor (TI) CLC007 Datasheet HTML 7Page - National Semiconductor (TI) CLC007 Datasheet HTML 8Page - National Semiconductor (TI) CLC007 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CLC007
Serial Digital Cable Driver with Dual Complementary
Outputs
General Description
National’s Comlinear CLC007 is a monolithic, high-speed
cable driver designed for the SMPTE 259M serial digital
video data transmission standard. The CLC007 drives 75
Ω
transmission lines (Belden 8281 or equivalent) at data rates
up to 400 Mbps. Controlled output rise and fall times (650 ps
typical) minimize transition-induced jitter. The output voltage
swing, typically 1.65V, set by an accurate, low-drift internal
bandgap reference, delivers an 800 mV swing to back-
matched and terminated 75
Ω cable.
The CLC007’s class AB output stage consumes less power
than other designs, 195 mW with all outputs terminated, and
requires no external bias resistors. The differential inputs ac-
cept a wide range of digital signals from 200 mV
p-p to ECL
levels within the specified common-mode limits. All this
make the CLC007 an excellent general purpose high speed
driver for digital applications.
The CLC007 is powered from a single +5V or −5.2V supply
and comes in an 8-pin SOIC package.
Key Specifications
n 650 ps rise and fall times
n Data rates to 400 Mbps
n 2 sets of complimentary outputs
n 200 mV differential input
n Low residual jitter (25 pspp)
Features
n No external pull-down resistors
n Differential input and output
n Low power dissipation
n Single +5V or −5.2V supply
n Replaces GS9007 in most applications
Applications
n Digital routers and distribution amplifiers
n Coaxial cable driver for digital transmission line
n Twisted pair driver
n Digital distribution amplifiers
n SMPTE, Sonet/SDH, and ATM compatible driver
n Buffer applications
Connection Diagram (8-Pin SOIC)
Typical Application
DS100085-1
DS100085-3
Order Number CLC007AJE
See NS Package Number M08A
DS100085-2
July 1998
© 1998 National Semiconductor Corporation
DS100085
www.national.com


Similar Part No. - CLC007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC007 NSC-CLC007 Datasheet
269Kb / 10P
Serial Digital Cable Driver with Dual Complementary
logo
Texas Instruments
CLC007 TI2-CLC007 Datasheet
549Kb / 18P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
REVISED APRIL 2013
CLC007BM TI-CLC007BM Datasheet
845Kb / 15P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
CLC007BM/NOPB TI-CLC007BM/NOPB Datasheet
845Kb / 15P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
CLC007BM/NOPB TI2-CLC007BM/NOPB Datasheet
549Kb / 18P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
REVISED APRIL 2013
More results

Similar Description - CLC007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007_07 Datasheet
269Kb / 10P
Serial Digital Cable Driver with Dual Complementary
logo
Texas Instruments
CLC007BM TI-CLC007BM Datasheet
845Kb / 15P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
logo
M/A-COM Technology Solu...
M08048 MA-COM-M08048 Datasheet
384Kb / 2P
3G/HD/SD Serial Digital Video Cable Driver With Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com