Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE521 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE521
Description  High-speed dual-differential comparator/sense amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE521 Datasheet(HTML) 5 Page - NXP Semiconductors

  NE521 Datasheet HTML 1Page - NXP Semiconductors NE521 Datasheet HTML 2Page - NXP Semiconductors NE521 Datasheet HTML 3Page - NXP Semiconductors NE521 Datasheet HTML 4Page - NXP Semiconductors NE521 Datasheet HTML 5Page - NXP Semiconductors NE521 Datasheet HTML 6Page - NXP Semiconductors NE521 Datasheet HTML 7Page - NXP Semiconductors NE521 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
NE521
High-speed dual-differential comparator/sense amp
2001 Aug 03
5
TYPICAL PERFORMANCE CHARACTERISTICS
20mV
5mV
10mV
Response Time for Various
Input Overdrives
Response Time for Various
Input Overdrives
Response Time vs Temperature
Propagation Delay for
Various Input Voltages
Propagation Delay for
Various Input Voltages
Output Voltage vs
Ambient Temperature
Input Bias Current vs
Ambient Temperature
Input Offset Current vs
Ambient Temperature
4
3
2
1
0
100
50
0
0
5
10
15
20
25
30
VS = +5V
Tamb = 25
oC
100mV
TIME — nS
Tamb = 25
oC
VS = +5V
5mV
10mV
100mV
50mV
0
5
10
15
20
25
30
TIME — nS
4
3
2
1
0
100
50
0
12
10
8
6
4
2
60
20
–20
+60
+100
+140
TPD (LH)
TPD (HL)
AMBIENT TEMPERATURE (oC)
INPUT VOLTAGE (mVp–p)
VS = +5V
10MHz SQUARE
WAVE INPUT
Tamb = 25
oC
TPD (LH)
TPD (HL)
10
20
30
40
50
60
70
12
10
8
6
20
18
16
14
12
10
8
6
4
2
100
1000
INPUT VOLTAGE (m Vp–p)
VS = +5V
10MHz SQUARE
WAVE INPUT
Tamb = 25
oC
TPD (LH)
TPD (HL)
4.0
3.0
2.0
1.0
–75
–25
+25
+75
+125
VOL
VOH
AMBIENT TEMPERATURE (
o
C)
–75
–25
+25
+75
+125
AMBIENT TEMPERATURE (oC)
12
11
10
9
8
7
6
1.1
1.0
0.9
0.8
0.7
0.6
0.5
–75
–25
+25
+75
+125
AMBIENT TEMPERATURES (oC)
SL00245
Figure 4. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com