Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE521 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE521
Description  High-speed dual-differential comparator/sense amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE521 Datasheet(HTML) 3 Page - NXP Semiconductors

  NE521 Datasheet HTML 1Page - NXP Semiconductors NE521 Datasheet HTML 2Page - NXP Semiconductors NE521 Datasheet HTML 3Page - NXP Semiconductors NE521 Datasheet HTML 4Page - NXP Semiconductors NE521 Datasheet HTML 5Page - NXP Semiconductors NE521 Datasheet HTML 6Page - NXP Semiconductors NE521 Datasheet HTML 7Page - NXP Semiconductors NE521 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product data
NE521
High-speed dual-differential comparator/sense amp
2001 Aug 03
3
BLOCK DIAGRAM
(12)
INPUT 2A
(11)
INPUT 2B
(9)
OUTPUT 3Y
(8)
STROBE 2G
(1)
(2)
(4)
(5)
INPUT 1A
INPUT 1B
OUTPUT 1Y
STROBE 1G
(6)
STROBE S
SL00244
Figure 3. Block Diagram
LOGIC FUNCTIONS
VID
A+, B–
STROBE S
STROBE G
OUTPUT (Y)
VID ≤ –VOS
H
H
L
–VOS < VID < VOS
H
H
Undefined
VID ≥ VOS
H
H
H
X
L
X
H
X
X
L
H
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
Supply voltage
V+
Positive
+7
V
V–
Negative
-7
V
VIDR
Differential input voltage
±6
V
VIN
Input voltage
Common mode
±5
V
Strobe/gate
+5.25
V
PD
Maximum power dissipation1
Tamb = 25 °C (still-air)
N package
1420
mW
D package
1040
mW
Tamb
Operating temperature range
0 to 70
°C
Tstg
Storage temperature range
–65 to +150
°C
Tsld
Lead soldering temperature (10 sec. max)
+230
°C
NOTES:
1. Derate above 25
°C at the following rates:
N package at 11.4 mW/
°C
D package at 8.3 mW/
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com