Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE521 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE521
Description  High-speed dual-differential comparator/sense amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE521 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE521 Datasheet HTML 1Page - NXP Semiconductors NE521 Datasheet HTML 2Page - NXP Semiconductors NE521 Datasheet HTML 3Page - NXP Semiconductors NE521 Datasheet HTML 4Page - NXP Semiconductors NE521 Datasheet HTML 5Page - NXP Semiconductors NE521 Datasheet HTML 6Page - NXP Semiconductors NE521 Datasheet HTML 7Page - NXP Semiconductors NE521 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
NE521
High-speed dual-differential comparator/sense amp
2
2001 Aug 03
853-0900 26834
FEATURES
• 12 ns maximum guaranteed propagation delay
• 20 µA maximum input bias current
• TTL compatible strobes and outputs
• Large common-mode input voltage range
• Operates from standard supply voltages
APPLICATIONS
• MOS memory sense amp
• A-to-D conversion
• High-speed line receiver
PIN CONFIGURATION
1
2
3
4
5
6
78
14
13
12
11
10
9
D, N Packages
INPUT 1A
INPUT 1B
NC
OUTPUT 1Y
STROBE 1G
STROBE S
GND
V+
V–
INPUT 2A
INPUT 2B
NC
OUTPUT 2Y
STROBE 2G
TOP VIEW
SL00242
Figure 1. Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
NE521N
SOT27-1
14-Pin SO Package
0
°C to +70 °C
NE521D
SOT108-1
EQUIVALENT SCHEMATIC
Q11
V+
14
2
–
+
1
V–
13
R2
R1
Q2
Q1
Q4
Q3
D7
Q9
R4
Q10
Q8
R5
R3
D6
R17
Q6
R16
Q5
Q13
R15
R6
R9
Q19
Q7
R14
5
D2
Q25
R20
6
R21
Q26
Q30
R24
R23
Q27
Q29
Q28
R25
7
12
+
–
11
V+
R8
Q16
Q15
Q14
R12
R11
Q18
R10
Q17
D4
Q20
Q21
R7
D5
Q22
Q23
R18
R19
D3
8
Q24
Q31
R26
Q32
R27
R28
Q36
R29
R30
Q32
Q35
9
Q34
R34
R22
4
SL00243
Figure 2. Equivalent Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com