Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC021 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC021 Datasheet HTML 1Page - National Semiconductor (TI) CLC021 Datasheet HTML 2Page - National Semiconductor (TI) CLC021 Datasheet HTML 3Page - National Semiconductor (TI) CLC021 Datasheet HTML 4Page - National Semiconductor (TI) CLC021 Datasheet HTML 5Page - National Semiconductor (TI) CLC021 Datasheet HTML 6Page - National Semiconductor (TI) CLC021 Datasheet HTML 7Page - National Semiconductor (TI) CLC021 Datasheet HTML 8Page - National Semiconductor (TI) CLC021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DC Electrical Characteristics—CLC021AVGZ-3.3 (Continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
OH
CMOS Output Voltage
High Level
I
OH =−8 mA
All CMOS
Outputs
2.4
3.0
V
DD
V
V
OL
CMOS Output Voltage
Low Level
I
OL =+8 mA
0.0
0.3
V
SS + 0.5V
V
V
SDO
Serial Driver Output
Voltage
R
L =75
Ω 1%,
R
REF = 1.69 k
Ω 1%,
Figure 2
SDO, SDO
720
800
880
mV
P-P
I
DD
Power Supply Current,
Total
R
L =75
Ω 1%,
R
REF = 1.69 k
Ω 1%,
P
CLK = 27 MHz, NTSC
Colour Bar Pattern,
Figure 2
33
55
mA
AC Electrical Characteristics—CLC021AVGZ-5.0
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BR
SDO
Serial Data Rate
(Note 5)
SDO, SDO
100
400
Mbps
F
PCLK
Reference Clock
Input Frequency
P
CLK
10
40
MHz
Reference Clock Duty
Cycle
P
CLK
45
50
55
%
t
r,tf
Rise Time, Fall Time
D
N,PCLK
1.0
1.5
3.0
ns
t
j
Serial Output Jitter
270 Mbps,Figure 2, (Note 6)
SDO, SDO
220
ps
P-P
t
jit
Serial Output Jitter
(Notes 4, 5)
100
200
ps
P-P
t
r,tf
Rise Time, Fall Time
20%–80%, (Notes 4, 5)
500
800
1500
ps
Output Overshoot
(Note 4)
1
%
t
LOCK
Lock Time
(Notes 5, 7)
75
µs
t
SU
Setup Time
Figure 3 (Note 4)
D
N to PCLK
32
ns
t
HLD
Hold Time
Figure 3 (Note 4)
D
N from PCLK
32
ns
L
GEN
Output Inductance
(Note 4)
SDO, SDO
6nH
R
GEN
Output Resistance
(Note 4)
25k
Ω
AC Electrical Characteristics—CLC021AVGZ-3.3
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BR
SDO
Serial Data Rate
(Note 5)
SDO, SDO
100
400
Mbps
F
PCLK
Reference Clock
Input Frequency
P
CLK
10
40
MHz
Reference Clock Duty
Cycle
P
CLK
45
50
55
%
t
r,tf
Rise Time, Fall Time
D
N,PCLK
1.0
1.5
3.0
ns
t
j
Serial Output Jitter
270 Mbps,Figure 2, (Note 6)
SDO, SDO
220
ps
P-P
t
jit
Serial Output Jitter
(Notes 4, 5)
100
200
ps
P-P
t
r,tf
Rise Time, Fall Time
20%–80%, (Notes 4, 5)
500
800
1500
ps
Output Overshoot
(Note 4)
1
%
t
LOCK
Lock Time
(Notes 5, 7)
75
µs
t
SU
Setup Time
Figure 3 (Note 4)
D
N to PCLK
42
ns
t
HLD
Hold Time
Figure 3 (Note 4)
D
N from PCLK
42
ns
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com