Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC021 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC021 Datasheet HTML 10Page - National Semiconductor (TI) CLC021 Datasheet HTML 11Page - National Semiconductor (TI) CLC021 Datasheet HTML 12Page - National Semiconductor (TI) CLC021 Datasheet HTML 13Page - National Semiconductor (TI) CLC021 Datasheet HTML 14Page - National Semiconductor (TI) CLC021 Datasheet HTML 15Page - National Semiconductor (TI) CLC021 Datasheet HTML 16Page - National Semiconductor (TI) CLC021 Datasheet HTML 17Page - National Semiconductor (TI) CLC021 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Application Information (Continued)
The jitter test setup used to obtain values quoted in the data
sheet consists of:
•
National Semiconductor SD021-5EVK (SD021-3EVK),
CLC021 evaluation kit
•
Tektronix TG2000 signal generation platform with DVG1
option
•
Tektronix VM700T Option 1S Video Measurement Set
•
Tektronix TDS 794D, Option C2 oscilloscope
•
Tektronix P6339A passive probe
•
75
Ω coaxial cable, 3 ft., Belden 8281 or RG59 (2 re-
quired)
•
ECL-to-TTL/CMOS
level
converter/amplifier,
(see
Figure 11).
Apply the black-burst reference clock from the TG2000 sig-
nal generator’s BG1 module 27 MHz clock output to the level
converter input. The clock amplitude converter schematic is
shown in Figure 11. Adjust the input bias control to give a
50% duty cycle output as measured on the oscilloscope/
probe system. Connect the level translator to the SD021EVK
board, connector P1, P
CLK pins (the outer-most row of pins
is ground). Configure the SD021EVK to operate in the NTSC
colour bars, BIST mode. Configure the VM700T to make the
jitter measurement in the jitter FFT mode at the frame rate
with 1 kHz filter bandwidth and Hanning window. Configure
the setup as shown in Figure 10. Switch the test equipment
on (from standby mode) and allow all equipment tempera-
tures stabilize per manufacturer’s recommendation. Mea-
sure the jitter value after allowing the instrument’s reading to
stabilize (about 1 minute). Consult the VM700T Video Mea-
surement Set Option 1S Serial Digital Measurements User
Manual (document number 071-0074-00) for details of
equipment operation.
The VM700T measurement system’s jitter floor specification
at 270 Mbps is given as 200 ps ±20% (100 ps ±5% typical)
of actual components from 50 Hz to 1 MHz and 200 ps
+60%, -30% of actual components from 1 MHz to 10 MHz.
To obtain the actual residual jitter of the CLC021, a root-sum-
square adjustment of the jitter reading must be made to
compensate for the measurement system’s jitter floor speci-
fication. For example, if the jitter reading is 250 ps, the
CLC021 residual jitter is the square root of (250
2 − 2002)=
150 ps. The accuracy limits of the reading as given above
apply.
10136810
FIGURE 10. Jitter Test Circuit
10136813
FIGURE 11. ECL-to-TTL/CMOS Level Converter/Amplifer
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com