Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC021 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC021 Datasheet HTML 9Page - National Semiconductor (TI) CLC021 Datasheet HTML 10Page - National Semiconductor (TI) CLC021 Datasheet HTML 11Page - National Semiconductor (TI) CLC021 Datasheet HTML 12Page - National Semiconductor (TI) CLC021 Datasheet HTML 13Page - National Semiconductor (TI) CLC021 Datasheet HTML 14Page - National Semiconductor (TI) CLC021 Datasheet HTML 15Page - National Semiconductor (TI) CLC021 Datasheet HTML 16Page - National Semiconductor (TI) CLC021 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Pin Descriptions
Pin
Name
Description
1
Reset
Manual Reset Input (High True)
2
NRZ-NRZI
NRZ-to-NRZI Conversion Control (NRZ=High, NRZI=Low)
3
Test Out
Test Out (BIST Pass/Fail Indicator)
4V
SS
Negative Power Supply Input (Digital Logic)
5V
SS
Negative Power Supply Input (Digital Logic)
6V
DD
Positive Power Supply Input (Digital Logic)
7V
DD
Positive Power Supply Input (Digital Logic)
8
EDH Force
Force Insertion of New EDH and Flags in Serial Output Data (High True)
9
EDH Enable
EDH Enable Input (Low True)
10
SMPTE Mode
SMPTE/non-SMPTE Mode Select Input (SMPTE Mode=Low)
11
N/C
No Connect
12
D0
Parallel Data Input (Internal Pull-Down to V
SS)
13
D1
Parallel Data Input (Internal Pull-Down to V
SS)
14
D2
Parallel Data Input (Internal Pull-Down to V
SS)
15
D3
Parallel Data Input (Internal Pull-Down to V
SS)
16
D4
Parallel Data Input (Internal Pull-Down to V
SS)
17
D5
Parallel Data Input (Internal Pull-Down to V
SS)
18
D6
Parallel Data Input (Internal Pull-Down to V
SS)
19
D7
Parallel Data Input (Internal Pull-Down to V
SS)
20
D8
Parallel Data Input (Internal Pull-Down to V
SS)
21
D9
Parallel Data Input (Internal Pull-Down to V
SS)
22
P
CLK
Parallel Clock Input (Internal Pull-Down to V
SS)
23
H/Line-Field b0 (LSB)
H-Bit Output (Component); Line-Field ID (Composite)
24
V/Line-Field b1
V-Bit Output (Component); Line-Field ID (Composite)
25
F/Line-Field b2 (MSB)
F-Bit Output (Component); Line-Field ID (Composite)
26
Lock Detect
Lock Detector Output (High True)
27
V
SSO
Negative Power Supply Input (PLL Supply)
28
V
DDO
Positive Power Supply Input (PLL Supply)
29
TPG Enable
TPG Enable (High True)
30
V
SSOD
Negative Power Supply Input (PLL Digital Supply)
31
V
SSOD
Negative Power Supply Input (PLL Digital Supply)
32
V
DDOD
Positive Power Supply Input (PLL Digital Supply)
33
V
DDOD
Positive Power Supply Input (PLL Digital Supply)
34
N/C
No Connect
35
R
REF
Output Level Reference Resistor (1.69 k
Ω, 1% Nominal Value)
36
V
DDOD
Positive Power Supply Input (PLL Digital Supply)
37
V
SSSD
Negative Power Supply Input (Output Driver)
38
SDO
Serial Data True Output
39
SDO
Serial Data Complement Output
40
V
DDSD
Positive Power Supply Input (Output Driver)
41
Sync Detect Enable
Parallel Data Sync Detection Enable Input (Low True)
42
NSP
New Sync Position Output
43
ANC
Ancilliary Data Header Flag Output
44
NTSC/PAL
NTSC/PAL Mode Indicator Output (PAL=High, NTSC=Low)
Note: All CMOS/TTL inputs have internal pull-down devices.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com