Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5086 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC5086
Description  Low Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5086 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC5086 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC5086
S-PARAMETER
VCE = 10 V, IC = 5 mA, ZO = 50Ω
f
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200
0.715
-69.3
9.495
132.1
0.051
55.2
0.747
-29.0
400
0.542
-112.4
6.482
108.5
0.068
46.8
0.555
-35.1
600
0.476
-137.7
4.717
95.8
0.077
47.9
0.478
-36.2
800
0.447
-154.4
3.691
87.1
0.086
51.6
0.442
-37.1
1000
0.435
-166.8
3.049
79.9
0.096
55.9
0.424
-38.9
1200
0.433
-176.6
2.611
73.9
0.108
60.4
0.418
-41.8
1400
0.435
174.8
2.294
68.3
0.123
64.2
0.411
-45.0
1600
0.439
167.3
2.050
63.2
0.140
66.9
0.407
-49.0
1800
0.444
160.6
1.860
58.7
0.159
68.7
0.406
-53.6
2000
0.454
154.2
1.713
53.9
0.180
70.5
0.404
-57.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com