Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5086 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC5086
Description  Low Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5086 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC5086 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5086
VCE = 10 V, IC = 20 mA, ZO = 50Ω
f
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200
0.465
-107.8
16.512
113.2
0.035
56.7
0.484
-40.9
400
0.375
-145.6
9.090
96.5
0.052
62.2
0.331
-37.8
600
0.351
-164.4
6.252
88.1
0.070
66.5
0.291
-34.1
800
0.343
-176.7
4.762
81.9
0.089
68.9
0.277
-33.3
1000
0.338
174.8
3.875
76.6
0.109
70.2
0.273
-34.0
1200
0.337
167.9
3.285
71.8
0.130
70.8
0.274
-36.2
1400
0.343
161.6
2.874
67.2
0.152
70.6
0.274
-39.3
1600
0.343
156.2
2.553
62.9
0.173
69.8
0.274
-43.4
1800
0.348
151.2
2.317
58.8
0.195
68.9
0.273
-47.8
2000
0.354
146.2
2.113
55.0
0.218
68.2
0.272
-52.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com