Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5086 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5086
Description  Low Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5086 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5086 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5086 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
2SC5086
DESCRIPTION
·
Low Noise
NF = 1.1dB TYP. @ f = 1GHz
·
High Gain
S21e2= 11dB TYP. @ f = 1GHz
APPLICATIONS
·
Designed for VHF~UHF band low noise amplifier
applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
3
V
IC
Collector Current-Continuous
80
mA
IB
Base Current-Continuous
40
mA
PC
Collector Power Dissipation
@TC=25℃
0.1
W
TJ
Junction Temperature
125
Tstg
Storage Temperature Range
-55~125


Similar Part No. - 2SC5086

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5086 TOSHIBA-2SC5086 Datasheet
349Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5086 TOSHIBA-2SC5086 Datasheet
999Kb / 7P
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5086 TOSHIBA-2SC5086 Datasheet
465Kb / 7P
VHF~UHF Band Low Noise Amplifier Applications
2SC5086 TOSHIBA-2SC5086 Datasheet
465Kb / 7P
VHF~UHF Band Low Noise Amplifier Applications
2SC5086-Y TOSHIBA-2SC5086-Y Datasheet
465Kb / 7P
VHF~UHF Band Low Noise Amplifier Applications
More results

Similar Description - 2SC5086

ManufacturerPart #DatasheetDescription
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014 Datasheet
259Kb / 2P
Low Level & Low Noise
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
Ultra Low Noise, High Linearity Low Noise Amplifier
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
logo
Inchange Semiconductor ...
2SC2759 ISC-2SC2759 Datasheet
108Kb / 2P
Low Noise
2SC4249 ISC-2SC4249 Datasheet
174Kb / 4P
Low Noise
logo
Broadcom Corporation.
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
Ultra Low Noise, High Linearity Low Noise Amplifier
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com