Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5353 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5353
Description  Collector?밇mitter Sustaining Voltage: VCEO(SUS) = 800V(Min.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5353 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5353 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5353 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
1
isc website:www.iscsemi.cn
isc Silicon NPN Power Transistor
2SC5353
DESCRIPTION
·Collector–Emitter Sustaining Voltage
: VCEO(SUS) = 800V(Min.)
·Low Collector Saturation Voltage
: VCE(sat) =1V(Max) @ IC= 1.2A
APPLICATIONS
·Designed for use in lighting applications and low cost
switch-mode power supplies.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Emitter Voltage
900
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current-Continuous
3
A
ICM
Collector Current-peak
tp<5ms
5
A
IB
Base Current-Continuous
1
A
PC
Collector Power Dissipation
TC=25℃
25
W
Ti
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SC5353

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5353 TOSHIBA-2SC5353 Datasheet
190Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
05-Nov-1997
logo
Unisonic Technologies
2SC5353 UTC-2SC5353 Datasheet
109Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Toshiba Semiconductor
2SC5353 TOSHIBA-2SC5353 Datasheet
146Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications
logo
Unisonic Technologies
2SC5353 UTC-2SC5353 Datasheet
266Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
2SC5353 UTC-2SC5353 Datasheet
266Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
More results

Similar Description - 2SC5353

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1442 ISC-2SA1442 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
BU508AT ISC-BU508AT Datasheet
194Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 700V (Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
BUY70B ISC-BUY70B Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 325V(Min)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com