Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC109 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC109
Description  Low-Power, Wideband, Closed-Loop Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC109 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC109 Datasheet HTML 1Page - National Semiconductor (TI) CLC109 Datasheet HTML 2Page - National Semiconductor (TI) CLC109 Datasheet HTML 3Page - National Semiconductor (TI) CLC109 Datasheet HTML 4Page - National Semiconductor (TI) CLC109 Datasheet HTML 5Page - National Semiconductor (TI) CLC109 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CLC109
N
CLC109
Low-Power, Wideband, Closed-Loop Buffer
Single-Supply Circuit
Typical Application
General Description
The CLC109 is a high-performance, closed-loop monolithic buffer
intended for power sensitive applications. Requiring only 35mW of
quiescent power (±5V supplies), the CLC109 offers a high bandwidth
of 270MHz (0.5Vpp) and a slew rate of 350V/
µs. Even with this
minimal dissipation, the CLC109 can easily drive a demanding
100
Ω load. The buffer specifications are for a 100Ω load.
With its patented closed-loop topology, the CLC109 has significant
performance advantages over conventional open-loop designs.
Applications requiring low (2.8
Ω) output impedance and nearly
ideal unity gain (0.997) through very high frequencies will benefit
from the CLC109's superior performance.
Power sensitive
applications will benefit from the CLC109's excellent performance
on reduced or single supply voltages.
Constructed using an advanced, complementary bipolar process
and Comlinear's proven high-performance architectures, the
CLC109 is available in several versions to meet a variety of
requirements.
CLC109AJP
-40°C to +85°C
8-pin Plastic DIP
CLC109AJE
-40°C to +85°C
8-pin Plastic SOIC
CLC109ALC
-40°C to +85°C
dice
CLC109AMC
-55°C to +125°C
dice qualified to Method 5008,
MIL-STD-883, Level B
CLC109AJM5
-40°C to +85°C
5-pin SOT
Contact factory for other packages and DESC SMD number.
June 1999
PINOUT
DIP & SOIC
Features
s
High small-signal bandwidth (270MHz)
s
Low supply current (3.5mA @ ±5V)
s
Low output impedance (2.8
Ω)
s
350V/
µs slew rate
s
Single supply operation (0 to 3V supply min.)
s
Evaluation boards and Spice models
Applications
s
Video switch buffers
s
Test point drivers
s
Low power active filters
s
DC clamping buffer
s
High-speed S & H circuits
s
Inverting op amp input buffer
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
Vinv
VCC
VEE
Vo
Vnon-inv
PINOUT
SOT23-5


Similar Part No. - CLC109

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001ASO8 CADEKA-CLC1001ASO8 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001ASO8X CADEKA-CLC1001ASO8X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001AST6X CADEKA-CLC1001AST6X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
More results

Similar Description - CLC109

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1115 INTERSIL-HFA1115_04 Datasheet
402Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com