Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEM78P153 Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # LEM78P153
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

LEM78P153 Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button LEM78P153 Datasheet HTML 10Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 11Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 12Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 13Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 14Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 15Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 16Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 17Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
     
  
当 INT 指令(若使能)产生中断时,下一指令将从地址 0X001 取出。
 YZ4
YZ4
YZ4
YZ4
1)
振荡器模式
振荡器模式
振荡器模式
振荡器模式
EM78P153
&G© 4 HYZ4€K RC YZ4€ IRC $ RC YZ4
€ ERC $OjY€ HXT $QOjY€ LXT %&îk³12UV4 OSC1v
OSC2
š3/A8z 6 lm8º²q$ 4 H€ 7 F8fÐGHj
Y/nY4oOP
表 6
OSC1 和 OSC2 定义的振荡器模式
模式
OSC1
OSC2
IRC(内部 RC 振荡器模式)
11
ERC(外部 RC 振荡器模式)
10
HXT(高频 XTAL 振荡器模式)
01
LXT(低频 XTAL 振荡器模式)
00
表 7
最大工作频率总结
条
件
Vdd(V)
最高频率(MHz)
2.01.0
3.02.0
4.04.0
两个时钟周期
5.05.0
2.02.0
3.03.58
4.08.0
四个时钟周期
5.010.0
2)
晶体振荡器
晶体振荡器
晶体振荡器
晶体振荡器/陶瓷谐振器
陶瓷谐振器
陶瓷谐振器
陶瓷谐振器(
(
(
(XTAL)
)
)
)
EM78P153
&D OSCI ‰ŠŽ\›+,$º» 12 ´¼
©pqa¿>$‰Š OSCO Ÿ OSCI Ž&®jaðrsnY4A|}YZ» 13
”ft HXT * LXT €9u 8  C1vC2 vwɃß"cnY4
!fÐ$%¿ýxyz8z C1vC2 {uÉ|} RS ³ßQO€Ÿ AT strip
cut
jaR<
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com