Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEM78P153 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # LEM78P153
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

LEM78P153 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  LEM78P153 Datasheet HTML 1Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 2Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 3Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 4Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 5Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 6Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 7Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 8Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
     
 




 



EM78P153
 CMOS  8  512*13  !
ROM
OTPROM "#$%&'()*+,-./0/012& EMC 3/4567
 13 89&:;%<=$>?@&ABC/0DEF
  



GHIJK2.0V~6.0V
GLMIJK0N~70N
GOPIJKDC~8MHz
QRS
♦  工作条件下电流小于 
♦   条件下电流典型值为 μ
♦ 休眠模式下电流典型值为 μ
512
×13  ROMT32×8 UV4 SDRAM
 4MHz WX RC YZ4
YZ4[Y\]^_O`a&3/
&b3/
cdeUV4?@/0fDEF
cghUV4:;%<=
2
cij I/O kl
5
mno
8
p\q\/ra4 TCC $stuvwxy&3/8z${F|}>~
€ SLEEP €
3
c>~u
♦  溢出中断
♦ 输入引脚状态变化中断(从休眠模式中唤醒)
♦ 外部中断
&3/‚ƒ„…†‡ˆq\4 WDT
 7 c I/O ‰Š&3/‹ŒŽT 6 c I/O ‰Š&3/‹Œ
 7 c I/O ‰Š&3/‹Œ‘’“”
•c–—˜™šc\›˜™T99.9%–—˜™–—
EM78P153 为 14 脚封装
TœžKSOPvSSOP Ÿ DIP
 H¡¢4$¡¢IJ 2.0V£0.15V



Similar Part No. - LEM78P153

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEM-44221T ETC1-LEM-44221T Datasheet
115Kb / 1P
SURFACE MOUNT CHIP LED LAMPS
LEM-51321 ETC-LEM-51321 Datasheet
114Kb / 1P
SURFACE MOUNT CHIP LED LAMPS
LEM-51321T ETC-LEM-51321T Datasheet
114Kb / 1P
SURFACE MOUNT CHIP LED LAMPS
LEM-54221T ETC-LEM-54221T Datasheet
117Kb / 1P
SURFACE MOUNT CHIP LED LAMPS
LEM-65121T ETC1-LEM-65121T Datasheet
70Kb / 1P
SURFACE MOUNT CHIP LED LAMPS
More results

Similar Description - LEM78P153

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C85AHRS OKI-MSM80C85AHRS Datasheet
210Kb / 29P
8-Bit CMOS MICROPROCESSOR
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
ELAN Microelectronics C...
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
8-bit microprocessor with low-power and high-speed CMOS technology
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
logo
NEC
UPD70236 NEC-UPD70236 Datasheet
7Mb / 104P
16-Bit Microprocessor, High-Speed, High-Intergration, CMOS
logo
ELAN Microelectronics C...
EM78P153E EMC-EM78P153E Datasheet
568Kb / 38P
EM78P153E is an 8-bit microprocessor with low-power and high-speed CMOS technology
logo
NXP Semiconductors
8XC52 PHILIPS-8XC52 Datasheet
348Kb / 55P
8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
logo
Intersil Corporation
CDP1802AC3 INTERSIL-CDP1802AC3 Datasheet
383Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
logo
Renesas Technology Corp
CDP1802AC RENESAS-CDP1802AC Datasheet
683Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
October 17, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com