Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEM78P153 Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # LEM78P153
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

LEM78P153 Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button LEM78P153 Datasheet HTML 11Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 12Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 13Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 14Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 15Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 16Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 17Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 18Page - ELAN Microelectronics Corp LEM78P153 Datasheet HTML 19Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
     
  
第
 位(()和第位(() 建立时间位
表

起振时间编程选择
(
(
"起振时间


)


)

.)


)
第
 位(*)类型选择位
 为 , 为 。
第
 位(()引脚  功能选择位 表 , 表 。
第
、、 位(&,&,&)内部  模式校准位。
表

内部
 模式频率标定
&
&
&
"周期时间(+))
频率(
#$)


..




.




.


..


..


..




.


..
 Öߎ
Öߎ
Öߎ
ÖߎMN
MN
MN
MN
©uŠq†Ú$±²Åf¬?¥“¦12GEM78P153  ¡¢H
2.0V
H¡¢4 POVD $§f¨8Ôºø Vdd Ž©;ª« 10ms
𬭠$ªÎ12G/Ï$©Õq<=®z¿>$*R<¯×”A°
ú±%ŽMN
 3/YZ4
3/YZ4
3/YZ4
3/YZ4²³
²³
²³
²³\]
\]
\]
\]
ì8zÁ´ SUT0 Ÿ SUT1 , ߋŒYZ4²³\]$IJç 4.5 ms Ø
72 ms
pqaµ¶jaYZ4ßQOQRS$R<·¸Â²³\] 12 ¹º8
YZ4²³\]É

ŽÃ”
ŽÃ”
ŽÃ”
ŽÃ”
» 17 ´¼”ü8 RC |}û¼»¼¹M¿;ªÂ$ÇV Vdd ½Ø
oQGHÙuŽ©¾\$&ü씃ß/RESET ‰Š‘d5 5¿A$
²À R <pß 40K$Á$‰Š/reset ŽHÎ?© 0.2V '’g D G©
\ÃÙĔŔÝ C ΫÃ_™d Rin AÆfkp™dð
Ç™ ESD d6‰Š/RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com